Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7836IPAPRG4.A Datasheet(PDF) 1 Page - Texas Instruments

Part # AMC7836IPAPRG4.A
Description  AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7836IPAPRG4.A Datasheet(HTML) 1 Page - Texas Instruments

  AMC7836IPAPRG4.A Datasheet HTML 1Page - Texas Instruments AMC7836IPAPRG4.A Datasheet HTML 2Page - Texas Instruments AMC7836IPAPRG4.A Datasheet HTML 3Page - Texas Instruments AMC7836IPAPRG4.A Datasheet HTML 4Page - Texas Instruments AMC7836IPAPRG4.A Datasheet HTML 5Page - Texas Instruments AMC7836IPAPRG4.A Datasheet HTML 6Page - Texas Instruments AMC7836IPAPRG4.A Datasheet HTML 7Page - Texas Instruments AMC7836IPAPRG4.A Datasheet HTML 8Page - Texas Instruments AMC7836IPAPRG4.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 91 page
background image
ADC
2.5-V Reference
DAC-0
DAC-15
GPIO Control
AMC7836
8 GPIOs
Temperature
Sensor
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
AMC7836
SLAS986D – NOVEMBER 2014 – REVISED FEBRUARY 2018
AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel
ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
1
1 Features
1
•
16 Monotonic 12-Bit DACs
–
Selectable Ranges: –10 V to 0 V, –5 V to 0 V,
0 V to 5 V, and 0 V to 10 V
–
High Current Drive Capability: up to ±15 mA
–
Auto-Range Detector
–
Selectable Clamp Voltage
•
12-Bit SAR ADC
–
21 External Analog Inputs
–
16 Bipolar Inputs: –12.5 V to +12.5 V
–
5 High-Precision Inputs: 0 V to 5 V
–
Programmable Out-of-Range Alarms
•
Internal 2.5-V Reference
•
Internal Temperature Sensor
–
–40°C to +125°C Operation
–
±2.5°C Accuracy
•
Eight General-Purpose I/O Ports (GPIOs)
•
Low-Power SPI-Compatible Serial Interface
–
4-Wire Mode, 1.8-V to 5.5-V Operation
•
Operating Temperature: –40°C to +125°C
•
Available in 64-Pin HTQFP PowerPAD™ IC
Package
2 Applications
•
Communications Infrastructure:
–
Cellular Base Stations
–
Microwave Backhaul
–
Optical Networks
•
General-Purpose Monitor and Control
•
Data Acquisition Systems
3 Description
The AMC7836 is a highly-integrated, low-power,
analog monitoring and control solution. The device
includes
a
21-channel,
12-bit
analog-to-digital
converter
(ADC),
sixteen
12-bit
digital-to-analog
converters (DACs) with programmable output ranges,
eight GPIOs, an internal reference, and a local
temperature-sensor
channel.
The
high
level
of
integration significantly reduces component count and
simplifies closed-loop system designs making it ideal
for multichannel applications where board space,
size, and low-power are critical.
The
low-power,
very
high-integration
and
wide
operating-temperature range of the device make it
suitable as an all-in-one, low-cost, bias-control circuit
for the power amplifiers (PA) found in multichannel
RF communication systems. The flexible DAC output
ranges allow the device to be used as a biasing
solution for a large variety of transistor technologies,
such as LDMOS, GaAs, and GaN. The AMC7836
feature set is similarly beneficial in general-purpose
monitor and control systems.
For applications that require a different channel-
count, additional features, or converter resolutions,
Texas Instruments offers a complete family of analog
monitor and control (AMC) products. For more
information, go to www.ti.com/amc.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
AMC7836
HTQFP (64)
10.00 mm × 10.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.


Similar Part No. - AMC7836IPAPRG4.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC7836IPAPR TI1-AMC7836IPAPR Datasheet
3Mb / 88P
AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
More results

Similar Description - AMC7836IPAPRG4.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC7812 TI1-AMC7812 Datasheet
2Mb / 90P
12-Bit ANALOG MONITORING AND CONTROL SOLUTION with Multichannel ADC, DACs, and Temperature Sensors
AMC7812SPAPR TI-AMC7812SPAPR Datasheet
2Mb / 92P
12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
AMC7812B TI1-AMC7812B_14 Datasheet
2Mb / 93P
12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
AMC7832 TI1-AMC7832 Datasheet
6Mb / 70P
AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
AMC7832 TI-AMC7832_15 Datasheet
6Mb / 72P
AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
AMC7836 TI-AMC7836_15 Datasheet
3Mb / 87P
AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
AMC7812B TI1-AMC7812B Datasheet
2Mb / 92P
12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
AMC7836 TI1-AMC7836 Datasheet
3Mb / 88P
AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
AMC7932 TI-AMC7932 Datasheet
746Kb / 9P
AMC7932 32-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
NOVEMBER 2021
AMC7924 TI-AMC7924 Datasheet
1Mb / 11P
AMC7924 24-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
NOVEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com