Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28Z610DRZR-R1.A Datasheet(PDF) 36 Page - Texas Instruments

Part # BQ28Z610DRZR-R1.A
Description  BQ28Z610-R1 Impedance Track™ Gas Gauge and Protection Solution for 1-Series to 2-Series Cell Li-Ion Battery Packs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ28Z610DRZR-R1.A Datasheet(HTML) 36 Page - Texas Instruments

Back Button BQ28Z610DRZR-R1.A Datasheet HTML 30Page - Texas Instruments BQ28Z610DRZR-R1.A Datasheet HTML 31Page - Texas Instruments BQ28Z610DRZR-R1.A Datasheet HTML 32Page - Texas Instruments BQ28Z610DRZR-R1.A Datasheet HTML 33Page - Texas Instruments BQ28Z610DRZR-R1.A Datasheet HTML 34Page - Texas Instruments BQ28Z610DRZR-R1.A Datasheet HTML 35Page - Texas Instruments BQ28Z610DRZR-R1.A Datasheet HTML 36Page - Texas Instruments BQ28Z610DRZR-R1.A Datasheet HTML 37Page - Texas Instruments BQ28Z610DRZR-R1.A Datasheet HTML 38Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
NOTES: (continued)
4. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271)
.
5. Vias are optional depending on application, refer to device data sheet. If any vias are implemented, refer to their locations shown
on this view. It is recommended that vias under paste be filled, plugged or tented.
EXAMPLE BOARD LAYOUT
4218895/B 03/2022
www.ti.com
VSON - 1 mm max height
DRZ0012A
PLASTIC QUAD FLATPACK- NO LEAD
SYMM
SYMM
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE: 20X
1
6
7
12
13
(R0.05) TYP
(Ø0.2) VIA
TYP
SOLDER MASK DETAILS
NON SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK
DEFINED
0.05 MAX
ALL AROUND
0.05 MIN
ALL AROUND
EXPOSED
METAL
METAL
SOLDER MASK
OPENING
EXPOSED
METAL
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
12X (0.6)
12X (0.2)
10X (0.4)
(3.8)
(2.45)
4X (0.2)
2X (2.25)
2X (0.725)
2X (0.975)
(2.9)
(1.95)
2X (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com