Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28Z610DRZR-R1.A Datasheet(PDF) 12 Page - Texas Instruments

Part # BQ28Z610DRZR-R1.A
Description  BQ28Z610-R1 Impedance Track™ Gas Gauge and Protection Solution for 1-Series to 2-Series Cell Li-Ion Battery Packs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ28Z610DRZR-R1.A Datasheet(HTML) 12 Page - Texas Instruments

Back Button BQ28Z610DRZR-R1.A Datasheet HTML 8Page - Texas Instruments BQ28Z610DRZR-R1.A Datasheet HTML 9Page - Texas Instruments BQ28Z610DRZR-R1.A Datasheet HTML 10Page - Texas Instruments BQ28Z610DRZR-R1.A Datasheet HTML 11Page - Texas Instruments BQ28Z610DRZR-R1.A Datasheet HTML 12Page - Texas Instruments BQ28Z610DRZR-R1.A Datasheet HTML 13Page - Texas Instruments BQ28Z610DRZR-R1.A Datasheet HTML 14Page - Texas Instruments BQ28Z610DRZR-R1.A Datasheet HTML 15Page - Texas Instruments BQ28Z610DRZR-R1.A Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
7.26 I2C Interface I/O
Typical values stated where TA = 25°C and VCC = 7.2 V, Min/Max values stated where TA = –40°C to 85°C and VCC = 2.2 V
to 7.6 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX UNIT
VIH
Input voltage high
SCL, SDA (STANDARD and FAST modes)
0.7 × VREG
V
VIL
Input voltage low
SCL, SDA (STANDARD and FAST modes)
–0.5
0.3 × VREG
V
VOL
Output low voltage
SCL, SDA, IOL = 1 mA (STANDARD and FAST modes)
0.2 × VREG
V
CIN
Input capacitance
10
pF
ILKG
Input leakage
current
1
µA
RPD
Pull-down resistance
3.3
kΩ
7.27 I2C Interface Timing
Typical values stated where TA = 25°C and VCC = 7.2 V, Min/Max values stated where TA = –40°C to 85°C and VCC = 2.2 V
to 7.6 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
NOM
MAX
UNIT
tR
Clock rise time
10% to 90%
300
ns
tF
Clock fall time
90% to 10%
300
ns
tHIGH
Clock high period
600
ns
tLOW
Clock low period
1.3
µs
tSU(START)
Repeated start setup
time
600
ns
td(START)
Start for first falling
edge to SCL
600
ns
tSU(DATA)
Data setup time
100
ns
tHD(DATA)
Data hold time
0
µs
tSU(STOP)
Stop setup time
600
ns
tBUF
Bus free time
between stop and
start
1.3
µs
fSW
Clock operating
frequency
SLAVE mode, SCL 50% duty cycle
400
kHz
tSU(STA)
SCL
SDA
tw(H)
tw(L)
tf
tr
t(BUF)
tr
td(STA)
REPEATED
START
th(DAT)
tsu(DAT)
tf
tsu(STOP)
STOP
START
Figure 7-1. I2C Timing
BQ28Z610-R1
SLUSE07B – JANUARY 2020 – REVISED JANUARY 2022
www.ti.com
12
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: BQ28Z610-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com