Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28Z610DRZR-R1G4 Datasheet(PDF) 14 Page - Texas Instruments

Part # BQ28Z610DRZR-R1G4
Description  BQ28Z610-R1 Impedance Track™ Gas Gauge and Protection Solution for 1-Series to 2-Series Cell Li-Ion Battery Packs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ28Z610DRZR-R1G4 Datasheet(HTML) 14 Page - Texas Instruments

Back Button BQ28Z610DRZR-R1G4 Datasheet HTML 10Page - Texas Instruments BQ28Z610DRZR-R1G4 Datasheet HTML 11Page - Texas Instruments BQ28Z610DRZR-R1G4 Datasheet HTML 12Page - Texas Instruments BQ28Z610DRZR-R1G4 Datasheet HTML 13Page - Texas Instruments BQ28Z610DRZR-R1G4 Datasheet HTML 14Page - Texas Instruments BQ28Z610DRZR-R1G4 Datasheet HTML 15Page - Texas Instruments BQ28Z610DRZR-R1G4 Datasheet HTML 16Page - Texas Instruments BQ28Z610DRZR-R1G4 Datasheet HTML 17Page - Texas Instruments BQ28Z610DRZR-R1G4 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
7.28 Typical Characteristics (continued)
86.2
86.4
86.6
86.8
87.0
87.2
87.4
±40
±20
0
20
40
60
80
100
120
Temperature (ƒC)
C010
Threshold setting is 88.8 mV.
Figure 7-8. Short Circuit Charge Protection Threshold vs
Temperature
±87.2
±87.0
±86.8
±86.6
±86.4
±86.2
±86.0
±40
±20
0
20
40
60
80
100
120
Temperature (ƒC)
C011
Threshold setting is –88.8 mV.
Figure 7-9. Short Circuit Discharge 1 Protection Threshold vs
Temperature
±173.6
±173.5
±173.4
±173.3
±173.2
±173.1
±173.0
±172.9
±40
±20
0
20
40
60
80
100
120
Temperature (ƒC)
C012
Threshold setting is –177.7 mV.
Figure 7-10. Short Circuit Discharge 2 Protection Threshold vs
Temperature
10.70
10.75
10.80
10.85
10.90
10.95
11.00
±40
±20
0
20
40
60
80
100
120
Temperature (ƒC)
C013
Threshold setting is 11 ms.
Figure 7-11. Overcurrent Delay Time vs Temperature
432
434
436
438
440
442
444
446
448
450
452
±40
±20
0
20
40
60
80
100
120
Temperature (ƒC)
C014
Threshold setting is 465 µs.
Figure 7-12. Short Circuit Charge Current Delay Time vs
Temperature
400
420
440
460
480
±40
±20
0
20
40
60
80
100
120
Temperature (ƒC)
C015
Threshold setting is 465 µs (including internal delay).
Figure 7-13. Short Circuit Discharge 1 Delay Time vs
Temperature
BQ28Z610-R1
SLUSE07B – JANUARY 2020 – REVISED JANUARY 2022
www.ti.com
14
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: BQ28Z610-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com