Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28Z610DRZR-R1G4 Datasheet(PDF) 18 Page - Texas Instruments

Part # BQ28Z610DRZR-R1G4
Description  BQ28Z610-R1 Impedance Track™ Gas Gauge and Protection Solution for 1-Series to 2-Series Cell Li-Ion Battery Packs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ28Z610DRZR-R1G4 Datasheet(HTML) 18 Page - Texas Instruments

Back Button BQ28Z610DRZR-R1G4 Datasheet HTML 14Page - Texas Instruments BQ28Z610DRZR-R1G4 Datasheet HTML 15Page - Texas Instruments BQ28Z610DRZR-R1G4 Datasheet HTML 16Page - Texas Instruments BQ28Z610DRZR-R1G4 Datasheet HTML 17Page - Texas Instruments BQ28Z610DRZR-R1G4 Datasheet HTML 18Page - Texas Instruments BQ28Z610DRZR-R1G4 Datasheet HTML 19Page - Texas Instruments BQ28Z610DRZR-R1G4 Datasheet HTML 20Page - Texas Instruments BQ28Z610DRZR-R1G4 Datasheet HTML 21Page - Texas Instruments BQ28Z610DRZR-R1G4 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
V
REG
R
NTC
NTC
ADx
Figure 8-1. External Thermistor Biasing
8.3.9 Power Supply Control
The BQ28Z610-R1 device manages its supply voltage dynamically according to operating conditions. When
VVC2 > VSWITCHOVER– + VHYS, the AFE connects an internal switch to BAT and uses this pin to supply power to
its internal 1.8-V LDO, which subsequently powers all device logic and flash operations. Once VC2 decreases
to VVC2 < VSWITCHOVER–, the AFE disconnects its internal switch from VC2 and connects another switch to
PACK, allowing sourcing of power from a charger (if present). An external capacitor connected to PBI provides
a momentary supply voltage to help guard against system brownouts due to transient short-circuit or overload
events that pull VC2 below VSWITCHOVER–.
8.3.10 Power-On Reset
In the event of a power-cycle, the BQ28Z610-R1 AFE holds its internal RESET output pin high for tRST duration
to allow its internal 1.8-V LDO and LFO to stabilize before running the AGG. The AFE enters power-on reset
when the voltage at VREG falls below VREGIT– and exits reset when VREG rises above VREGIT– + VHYS for tRST
time. After tRST, the BQ28Z610-R1 AGG will write its trim values to the AFE.
normal operation
(untrimmed)
normal operation
(trimmed)
1.8-V Regulator
LFO
tOSU
tRST
AFE RESET
VIT+
VIT–
AGG writes trim values to
AFE
Figure 8-2. POR Timing Diagram
8.3.11 Bus Communication Interface
The BQ28Z610-R1 device has an I2C bus communication interface. This device has the option to broadcast
information to a smart charger to provide key information to adjust the charging current and charging voltage
based on the temperature or individual cell voltages.
BQ28Z610-R1
SLUSE07B – JANUARY 2020 – REVISED JANUARY 2022
www.ti.com
18
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: BQ28Z610-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com