Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ40Z50RSMR-R2.A Datasheet(PDF) 21 Page - Texas Instruments

Part # BQ40Z50RSMR-R2.A
Description  BQ40Z50-R2 1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ40Z50RSMR-R2.A Datasheet(HTML) 21 Page - Texas Instruments

Back Button BQ40Z50RSMR-R2.A Datasheet HTML 17Page - Texas Instruments BQ40Z50RSMR-R2.A Datasheet HTML 18Page - Texas Instruments BQ40Z50RSMR-R2.A Datasheet HTML 19Page - Texas Instruments BQ40Z50RSMR-R2.A Datasheet HTML 20Page - Texas Instruments BQ40Z50RSMR-R2.A Datasheet HTML 21Page - Texas Instruments BQ40Z50RSMR-R2.A Datasheet HTML 22Page - Texas Instruments BQ40Z50RSMR-R2.A Datasheet HTML 23Page - Texas Instruments BQ40Z50RSMR-R2.A Datasheet HTML 24Page - Texas Instruments BQ40Z50RSMR-R2.A Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
1.20
1.21
1.22
1.23
1.24
±40
±20
0
20
40
60
80
100
Temperature (ƒC)
C006
Figure 7-4. Reference Voltage vs. Temperature
250
252
254
256
258
260
262
264
±40
±20
0
20
40
60
80
100
Temperature (ƒC)
C007
Figure 7-5. Low-Frequency Oscillator vs.
Temperature
16.6
16.7
16.8
16.9
±40
±20
0
20
40
60
80
100
120
Temperature (ƒC)
C008
Figure 7-6. High-Frequency Oscillator vs.
Temperature
–25.8
–25.6
–25.4
–25.2
–25.0
–24.8
–24.6
–40
–20
0
20
40
60
80
100
120
Temperature (°C)
C009
Threshold setting is –25 mV.
Figure 7-7. Overcurrent Discharge Protection
Threshold vs. Temperature
86.2
86.4
86.6
86.8
87.0
87.2
87.4
±40
±20
0
20
40
60
80
100
120
Temperature (ƒC)
C010
Threshold setting is 88.85 mV.
Figure 7-8. Short Circuit Charge Protection
Threshold vs. Temperature
±87.2
±87.0
±86.8
±86.6
±86.4
±86.2
±86.0
±40
±20
0
20
40
60
80
100
120
Temperature (ƒC)
C011
Threshold setting is –88.85 mV.
Figure 7-9. Short Circuit Discharge 1 Protection
Threshold vs. Temperature
www.ti.com
BQ40Z50-R2
SLUSCS4C – JUNE 2017 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: BQ40Z50-R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com