Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ40Z50RSMR-R2.A Datasheet(PDF) 34 Page - Texas Instruments

Part # BQ40Z50RSMR-R2.A
Description  BQ40Z50-R2 1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ40Z50RSMR-R2.A Datasheet(HTML) 34 Page - Texas Instruments

Back Button BQ40Z50RSMR-R2.A Datasheet HTML 30Page - Texas Instruments BQ40Z50RSMR-R2.A Datasheet HTML 31Page - Texas Instruments BQ40Z50RSMR-R2.A Datasheet HTML 32Page - Texas Instruments BQ40Z50RSMR-R2.A Datasheet HTML 33Page - Texas Instruments BQ40Z50RSMR-R2.A Datasheet HTML 34Page - Texas Instruments BQ40Z50RSMR-R2.A Datasheet HTML 35Page - Texas Instruments BQ40Z50RSMR-R2.A Datasheet HTML 36Page - Texas Instruments BQ40Z50RSMR-R2.A Datasheet HTML 37Page - Texas Instruments BQ40Z50RSMR-R2.A Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 55 page
background image
Figure 9-6. Differential Filter
9.2.2.2.2 Power Supply Decoupling and PBI
The BQ40Z50-R2 device has an internal LDO that is internally compensated and does not require an external
decoupling capacitor.
The PBI pin is used as a power supply backup input pin, providing power during brief transient power outages. A
standard 2.2-µF ceramic capacitor is connected from the PBI pin to ground, as shown in Figure 9-7.
Copyright © 2017 , Texas Instruments Incorporated
C13
2.2 μF
1
2
3
4
5
6
7
8
PBI
VC4
VC3
VC2
VC1
SRN
NC
SRP
PTCEN
PTC
LEDCNTLC
LEDCNTLB
LEDCNTLA
SMBC
SMBD
DISP
24
23
22
21
20
19
18
17
Figure 9-7. Power Supply Decoupling
9.2.2.2.3 System Present
The system present signal informs the gas gauge whether the pack is installed into or removed from the system.
In the host system, this pin is grounded. The PRES pin of the BQ40Z50-R2 device is occasionally sampled to
test for system present. In ACTIVE mode, the PRES pin is pulsed every 250 ms for a duration of 5 ms (RHOEN
is on), and just before it is turned off, the state of the PRES pin is checked to see if it is low or high. The average
of the four measurements is used to determine if the PRES is asserted or not. In SLEEP mode, the PRES pin is
pulsed every "Sleep Voltage Time," and the state of the PRES pin is determined. A resistor can be used to pull
the signal low and the resistance must be 20 kΩ or lower to ensure that the test pulse is lower than the VIL limit.
The pullup current source is typically 10 µA to 20 µA. When the PRES pin is not pulsed, the PRES pin is tied
internally to VSS (RHOUT is on), and any pullup on the PRES pin will cause a battery drain when not charging.
Refer to the PRES pin diagram in
BQ40Z50-R2
SLUSCS4C – JUNE 2017 – REVISED APRIL 2021
www.ti.com
34
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: BQ40Z50-R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com