Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA381BWSTR Datasheet(PDF) 51 Page - STMicroelectronics

Part # STA381BWSTR
Description  Sound Terminal 2.1-channel high-efficiency digital audio system
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BWSTR Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STA381BWSTR Datasheet HTML 47Page - STMicroelectronics STA381BWSTR Datasheet HTML 48Page - STMicroelectronics STA381BWSTR Datasheet HTML 49Page - STMicroelectronics STA381BWSTR Datasheet HTML 50Page - STMicroelectronics STA381BWSTR Datasheet HTML 51Page - STMicroelectronics STA381BWSTR Datasheet HTML 52Page - STMicroelectronics STA381BWSTR Datasheet HTML 53Page - STMicroelectronics STA381BWSTR Datasheet HTML 54Page - STMicroelectronics STA381BWSTR Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 174 page
background image
DocID018937 Rev 7
51/174
STA381BWS
Register description: New Map
6.7
CH1VOL register (addr 0x06)
Table 21. Channel 1 volume register
6.8
CH2VOL register (addr 0x07)
D7
D6
D5
D4
D3
D2
D1
D0
CH1VOL[7:0]
10011111
Bit
R/W
RST
Name
Description
7
R/W
1
CH1VOL[7:0]
0x00: mute
others: volume = [(CH1VOL-159)/2] dB(1)
1. If the volume is below -60 dB, the level will be approximated to 1 dB step.
6
R/W
0
5
R/W
0
4
R/W
1
3
R/W
1
2
R/W
1
1
R/W
1
0
R/W
1
D7
D6
D5
D4
D3
D2
D1
D0
CH2VOL[7:0]
10011111
Table 22. Channel 2 volume register
Bit
R/W
RST
Name
Description
7
R/W
1
CH2VOL[7:0]
0x00: mute
others: volume = [(CH2VOL-159)/2] dB(1)
1. If the volume is below -60 dB, the level will be approximated to 1 dB step.
6
R/W
0
5
R/W
0
4
R/W
1
3
R/W
1
2
R/W
1
1
R/W
1
0
R/W
1
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com