Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA510F Datasheet(PDF) 19 Page - STMicroelectronics

Part # STA510F
Description  44 V, 5.5 A, quad power half-bridge
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA510F Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STA510F Datasheet HTML 15Page - STMicroelectronics STA510F Datasheet HTML 16Page - STMicroelectronics STA510F Datasheet HTML 17Page - STMicroelectronics STA510F Datasheet HTML 18Page - STMicroelectronics STA510F Datasheet HTML 19Page - STMicroelectronics STA510F Datasheet HTML 20Page - STMicroelectronics STA510F Datasheet HTML 21Page - STMicroelectronics STA510F Datasheet HTML 22Page - STMicroelectronics STA510F Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
DocID014268 Rev 5
19/26
STA510F
Output filter
26
5
Output filter
The differential-mode damping of a hybrid filter under no-load conditions is not as good as a
pure common-mode filter because most of the high-frequency current flows through the
larger capacitor across the speaker terminals. Normally this isn't a problem because the
speaker provides the differential-mode damping, but if the amplifier is operated without the
speaker connected, for instance when doing testing in production line, then the damping will
not be as good.
Care needs to be taken to insure that the damping of a hybrid filter is good enough to protect
the amplifier under no-load conditions, thus avoiding peak of voltage that exceed the
absolute maximum voltage of the amplifier.
Figure 23. Output filter frequency response with and without load connected to the
amplifier
To allow the right filter selection both sets of coefficients are provided.
5.1
Theoretical filter
Perfect when using amplifiers always connected to speakers
See Figure 8.
Table 9. Theoretical table SE
Load
impedance
LC Low-pass filter
Damping network
LF
CF
CS
CP
RP
3
15 µH
1 µF
100 nF
100 nF
6.2
Ω
4
22 µH
680 nF
100 nF
100 nF
6.2
Ω
6
33 µH
470 nF
100 nF
100 nF
6.2
Ω
8
47 µH
330 nF
100 nF
100 nF
6.2
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com