Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA510F Datasheet(PDF) 20 Page - STMicroelectronics

Part # STA510F
Description  44 V, 5.5 A, quad power half-bridge
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA510F Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STA510F Datasheet HTML 16Page - STMicroelectronics STA510F Datasheet HTML 17Page - STMicroelectronics STA510F Datasheet HTML 18Page - STMicroelectronics STA510F Datasheet HTML 19Page - STMicroelectronics STA510F Datasheet HTML 20Page - STMicroelectronics STA510F Datasheet HTML 21Page - STMicroelectronics STA510F Datasheet HTML 22Page - STMicroelectronics STA510F Datasheet HTML 23Page - STMicroelectronics STA510F Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Output filter
STA510F
20/26
DocID014268 Rev 5
See Figure 6.
See Figure 7.
5.2
Optimized filter
Suggest to avoid resonant peak when running amplifiers without load
See Figure 8.
Table 10. Theoretical table BTL
Load
Impedance
LC Low-Pass Filter
Damping network
LF
CF
CS
CP
RP
3
10 µH
1 µF
220 nF
220 nF
3.3
Ω
4
10 µH
1 µF
220 nF
220 nF
3.3
Ω
6
15 µH
680 nF
100 nF
100 nF
4.7
Ω
8
22 µH
470 nF
100 nF
100 nF
6.2
Ω
Table 11. Theoretical table PBTL
Load
Impedance
LC Low-Pass Filter
Damping network
LF
CF
CS
CP
RP
3
10 µH
1 µF
220 nF
220 nF
2.7
Ω
4
10 µH
1 µF
220 nF
220 nF
3.3
Ω
6
15 µH
680 nF
100 nF
100 nF
6.2
Ω
8
22 µH
470 nF
100 nF
100 nF
6.2
Ω
Table 12. Filter optimized to minimize the peak SE
Load
impedance
LC Low-pass filter
Damping network
LF
CF
CS
CP
RP
3
15 µH
680 µF
100 nF
100 nF
6.2
Ω
4
22 µH
470 nF
100 nF
100 nF
6.2
Ω
6
33 µH
330 nF
100 nF
100 nF
6.2
Ω
8
47 µH
220 nF
100 nF
100 nF
6.2
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com