Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA529Q Datasheet(PDF) 12 Page - STMicroelectronics

Part # STA529Q
Description  FFX™ audio codec with analog and digital inputs and 2 x 1.2 W (or 2 x 100 mW HP) class-D amplifier
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA529Q Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STA529Q Datasheet HTML 8Page - STMicroelectronics STA529Q Datasheet HTML 9Page - STMicroelectronics STA529Q Datasheet HTML 10Page - STMicroelectronics STA529Q Datasheet HTML 11Page - STMicroelectronics STA529Q Datasheet HTML 12Page - STMicroelectronics STA529Q Datasheet HTML 13Page - STMicroelectronics STA529Q Datasheet HTML 14Page - STMicroelectronics STA529Q Datasheet HTML 15Page - STMicroelectronics STA529Q Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 57 page
background image
Connection diagrams and pin descriptions
STA529
12/57
Doc ID 13095 Rev 3
39
XTO
Digital output
1.8V
Crystal output
40
FILT
Analog I/O
PLL loop filter terminal
41
GNDPLL
Ground
PLL analog ground
42
VDDPLL
Supply
PLL analog supply
43
GND2
Ground
Digital ground
44
VDD2
Supply
Digital supply
45
SDATAI
Digital input
Input serial audio interface data
46
SDATAO /
PWM2A
Digital output
Output serial audio interface data / PWM2A FFX
47
LRCLKI
Digital I/O
Input serial audio interface L/R-clock
48
LRCLKO /
PWM1B
Digital I/O
Output serial audio interface L/R-clock
(volume increases when I2CDIS = 1) / PWM1B FFX
49
GNDIO2
Ground
I/O ring ground
50
VDDIO2
Supply
I/O ring supply
51
BICLKI
Digital I/O
Input serial audio interface bit-clock
52
BICLKO /
PWM1A
Digital I/O
Output serial audio interface bit-clock
(volume decreases when I2CDIS = 1) / PWM1A FFX
Table 3.
Pin description for VFQFPN52 (continued)
Pin
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com