Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA529Q Datasheet(PDF) 15 Page - STMicroelectronics

Part # STA529Q
Description  FFX™ audio codec with analog and digital inputs and 2 x 1.2 W (or 2 x 100 mW HP) class-D amplifier
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA529Q Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STA529Q Datasheet HTML 11Page - STMicroelectronics STA529Q Datasheet HTML 12Page - STMicroelectronics STA529Q Datasheet HTML 13Page - STMicroelectronics STA529Q Datasheet HTML 14Page - STMicroelectronics STA529Q Datasheet HTML 15Page - STMicroelectronics STA529Q Datasheet HTML 16Page - STMicroelectronics STA529Q Datasheet HTML 17Page - STMicroelectronics STA529Q Datasheet HTML 18Page - STMicroelectronics STA529Q Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 57 page
background image
STA529
Electrical and thermal specifications
Doc ID 13095 Rev 3
15/57
3.4
Electrical characteristics
The electrical specifications in Table 7 below are given for operation under the
recommended conditions listed in Table 6. Unless otherwise specified, LRCLKI frequency
(fs) = 48 kHz, input frequency = 1 kHz, and RLOAD = 32 Ω.
Table 7.
Electrical characteristics
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Eff
Output power efficiency
-
-
90
-
%
Rdson
Output stage N/PMOS on-
resistance
-
-
250
380
m
Ω
IstbyL
Logic power supply current at
standby
--
1.3
-
µA
IstbyP
Bridges power supply current in
standby
--
0.7
-
µA
IddL
Logic power supply current at
operating
--
15
-
mA
IddP
Bridges power supply current at
operating
--
0.5
-
mA
Tds
Low current dead time (static)
-
-
1
-
ns
Tdd
High current dead time
(dynamic)
--
2.5
-
ns
Tr
Rise time
-
-
3
-
ns
Tf
Fall time
-
-
3
-
ns
DNR
Dynamic range
A-weighted
Speaker mode
-
96
-
dB
SNR
Signal-to-noise ratio (A-
weighted)
Speaker mode
-
92
-
dB
THDN
Total harmonic distortion
0 dBFS input,
8
Ω speakers
-0.1
-%
-6 dBFS input,
8
Ω speakers
-0.05
-
%
0 dBFS input,
32
Ω headphones
-0.1
-%
-6 dBFS input,
32
Ω headphones
-0.05
-
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com