Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7293V Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7293V
Description  120-volt, 100-watt, DMOS audio amplifier with mute and standby
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7293V Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7293V Datasheet HTML 1Page - STMicroelectronics TDA7293V Datasheet HTML 2Page - STMicroelectronics TDA7293V Datasheet HTML 3Page - STMicroelectronics TDA7293V Datasheet HTML 4Page - STMicroelectronics TDA7293V Datasheet HTML 5Page - STMicroelectronics TDA7293V Datasheet HTML 6Page - STMicroelectronics TDA7293V Datasheet HTML 7Page - STMicroelectronics TDA7293V Datasheet HTML 8Page - STMicroelectronics TDA7293V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
TDA7293
Electrical specifications
Doc ID 6744 Rev 8
5/21
2.3
Electrical characteristics
The specifications given here were obtained with the conditions VS = ±40 V, RL = 8 Ω,
Rg =50 Ω, Tamb = 25 °C, f = 1 kHz unless otherwise specified.
.
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VS
Supply range
-
±12
-
±50
V
Iq
Quiescent current
-
-
50
100
mA
Ib
Input bias current
-
-
0.3
1
µA
VOS
Input offset voltage
-
-10
-
10
mV
IOS
Input offset current
-
-
-
0.2
µA
PO
Continuous output power
d = 1%, RL = 4 Ω,
VS = ±29 V
75
80
80
-W
d = 10%, RL = 4Ω,
VS = ±29 V
90
100
100
-W
d
Total harmonic distortion (1)
PO = 5 W, f = 1 kHz
-
0.005
-
%
PO = 0.1 to 50 W,
f = 20 Hz to 15 kHz
--
0.1
%
ISC
Current limiter threshold
VS ≤ ±40 V
-
6.5
-
A
SR
Slew rate
-
5
10
-
V/
µs
GV
Open loop voltage gain
-
-
80
-
dB
GV
Closed loop voltage gain (2)
-
2930
31dB
eN
Total input noise
A = curve
-
1
-
µV
f = 20 Hz to 20 kHz
-
3
10
µV
Ri
Input resistance
-
100
-
-
k
Ω
SVR
Supply voltage rejection
f = 100 Hz,
Vripple = 0.5 V RMS
-75
-
dB
TS
Thermal protection
Device mutes
-
150
-
°C
Device shuts down
-
160
-
°C
Standby function (ref. to to pin 1)
VST on
Standby on threshold
-
-
-
1.5
V
VST off
Standby off threshold
-
3.5
-
-
V
ATTst-by
Standby attenuation
-
70
90
-
dB
Iq st-by
Quiescent current @ standby
-
-
0.5
1
mA
Mute function (ref. to pin 1)
VMon
Mute on threshold
-
-
-
1.5
V
VMoff
Mute off threshold
-
3.5
-
-
V
ATTmute
Mute attenuatIon
-
60
80
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com