Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7293V Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7293V
Description  120-volt, 100-watt, DMOS audio amplifier with mute and standby
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7293V Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7293V Datasheet HTML 9Page - STMicroelectronics TDA7293V Datasheet HTML 10Page - STMicroelectronics TDA7293V Datasheet HTML 11Page - STMicroelectronics TDA7293V Datasheet HTML 12Page - STMicroelectronics TDA7293V Datasheet HTML 13Page - STMicroelectronics TDA7293V Datasheet HTML 14Page - STMicroelectronics TDA7293V Datasheet HTML 15Page - STMicroelectronics TDA7293V Datasheet HTML 16Page - STMicroelectronics TDA7293V Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
TDA7293
Applications information
Doc ID 6744 Rev 8
13/21
Figure 8.
High-efficiency applications circuit
Figure 9.
PCB and component layout of fig. 8
TDA7293
3
1
4
13
7
8
15
2
14
6
10
R3 680
C11 22
µF
L3 5
µH
R18 270
R16
13K
C15
22
µF
9
R12
13K
C13 10
µF
R13 20K
C12 330nF
R15 10K
C14
10
µF
R14 30K
D5
1N4148
PLAY
ST-BY
R17 270
L1 1
µH
T1
BDX53A
T3
BC394
D3 1N4148
R4
270
R5
270
T4
BC393
T5
BC393
R6
20K
R7
3.3K
C16
1.8nF
R8
3.3K
C17
1.8nF
Z2 3.9V
Z1 3.9V
L2 1
µH
R19 270
D4 1N4148
D2 BYW98100
R1
2
R2
2
C9
330nF
C10
330nF
T2
BDX54A
T6
BC393
T7
BC394
T8
BC394
R9
270
R10
270
R11
20K
OUT
IN
C7
100nF
C5
1000
µF
35V
C8
100nF
C6
1000
µF
35V
C1
1000
µF
63V
C2
1000
µF
63V
C3
100nF
C4
100nF
+50V
+25V
D1 BYW98100
GND
-25V
-50V
D97AU807C
12
D6
1N4001
R20
20K
R21
20K
D7
1N4001
R22
10K
R23
10K
Pot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com