Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7294 Datasheet(PDF) 22 Page - STMicroelectronics

Part # TDA7294
Description  100 V, 100 W DMOS audio amplifier with mute/st-by
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7294 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TDA7294_V01 Datasheet HTML 18Page - STMicroelectronics TDA7294_V01 Datasheet HTML 19Page - STMicroelectronics TDA7294_V01 Datasheet HTML 20Page - STMicroelectronics TDA7294_V01 Datasheet HTML 21Page - STMicroelectronics TDA7294_V01 Datasheet HTML 22Page - STMicroelectronics TDA7294_V01 Datasheet HTML 23Page - STMicroelectronics TDA7294_V01 Datasheet HTML 24Page - STMicroelectronics TDA7294_V01 Datasheet HTML 25Page - STMicroelectronics TDA7294_V01 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
11
Bridge application
Another application suggestion is the BRIDGE configuration, where two TDA7294 are used, as shown by the
schematic diagram of Figure 27.
In this application, the value of the load must not be lower than 8 Ω for dissipation and current capability reasons.
A suitable field of application includes HI-FI/TV subwoofers realizations.
The main advantages offered by this solution are:
- High power performances with limited supply voltage level.
- Considerably high output power even with high load values (i.e. 16 Ω).
The characteristics shown by Figure 29 and Figure 30, measured with loads respectively 8 Ω and 16 Ω.
With Rl = 8 Ω, Vs = ± 25 V the maximum output power obtainable is 150 W, while with Rl = 16 Ω, Vs = ± 35 V the
maximum Pout is 170 W.
Figure 27. Bridge application circuit
22K
0.56µF
2200µF
0.22µF
TDA7294
+
-
22µF
22K
680
22K
3
1
4
13
7
+Vs
Vi
8
15
2
14
6
10
9
+
-
3
0.56µF
22K
1
4
2
14
6
22µF
22K
680
10
9
22µF
15
8
-Vs
2200µF
0.22µF
22µF
20K
10K
30K
1N4148
ST-BY/MUTE
TDA7294
13
7
TDA7294
Bridge application
DS0013 - Rev 8
page 22/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com