Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7294 Datasheet(PDF) 28 Page - STMicroelectronics

Part # TDA7294
Description  100 V, 100 W DMOS audio amplifier with mute/st-by
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7294 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button TDA7294_V01 Datasheet HTML 23Page - STMicroelectronics TDA7294_V01 Datasheet HTML 24Page - STMicroelectronics TDA7294_V01 Datasheet HTML 25Page - STMicroelectronics TDA7294_V01 Datasheet HTML 26Page - STMicroelectronics TDA7294_V01 Datasheet HTML 27Page - STMicroelectronics TDA7294_V01 Datasheet HTML 28Page - STMicroelectronics TDA7294_V01 Datasheet HTML 29Page - STMicroelectronics TDA7294_V01 Datasheet HTML 30Page - STMicroelectronics TDA7294_V01 Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
Contents
1
Typical application.................................................................2
2
Pin connection ....................................................................3
3
Block diagram .....................................................................4
4
Maximum ratings ..................................................................5
5
Electrical characteristics...........................................................6
6
PCB and components..............................................................8
7
Application suggestion ............................................................9
8
Typical characteristics ............................................................10
9
Introduction ......................................................................13
9.1
Output stage ................................................................. 13
9.2
Protections ................................................................... 13
9.3
Other features ................................................................ 16
10
Application information ...........................................................17
11
Bridge application ................................................................22
12
Package information..............................................................24
12.1
Multiwatt15 leads package information ........................................... 25
12.2
Multiwatt15 H package information ............................................... 26
Revision history .......................................................................27
TDA7294
Contents
DS0013 - Rev 8
page 28/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com