Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7293 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7293
Description  120-volt, 100-watt, DMOS audio amplifier with mute and standby
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7293 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7293 Datasheet HTML 1Page - STMicroelectronics TDA7293 Datasheet HTML 2Page - STMicroelectronics TDA7293 Datasheet HTML 3Page - STMicroelectronics TDA7293 Datasheet HTML 4Page - STMicroelectronics TDA7293 Datasheet HTML 5Page - STMicroelectronics TDA7293 Datasheet HTML 6Page - STMicroelectronics TDA7293 Datasheet HTML 7Page - STMicroelectronics TDA7293 Datasheet HTML 8Page - STMicroelectronics TDA7293 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
September 2010
Doc ID 6744 Rev 8
1/21
21
TDA7293
120-volt, 100-watt, DMOS audio amplifier
with mute and standby
Features
Multipower BCD technology
Very high operating voltage range (±50 V)
DMOS power stage
High output power (100 W into 8
@ THD =10%, with VS = ±40 V)
Muting and stand-by functions
No switch on/off noise
Very low distortion
Very low noise
Short-circuit protected (with no input signal
applied)
Thermal shutdown
Clip detector
Modularity (several devices can easily be
connected in parallel to drive very low
impedances)
Description
The TDA7293 is a monolithic integrated circuit in
Multiwatt15 package, intended for use as audio
class AB amplifier in Hi-Fi field applications, such
as home stereo, self powered loudspeakers and
Topclass TV. Thanks to the wide voltage range
and to the high output current capability it is able
to supply the highest power into both 4-
Ω and 8-Ω
loads.
The built-in muting function with turn-on delay
simplifies the remote operation avoiding on-off
switching noises.
Parallel mode is possible by connecting several
devices and using pin11. High output power can
be delivered to very low impedance loads, so
optimizing the thermal dissipation of the system
Figure 1.
TDA7293 block diagram
Table 1.
Device summary
Order code
Package
TDA7293V
Multiwatt15V
TDA7293HS
Multiwatt15H
Multiwatt15V
Multiwatt15H
IN-
2
R2
680
C2
22
µF
C1 470nF
IN+
R1 22K
3
R3 22K
-
+
MUTE
STBY
4
VMUTE
VSTBY
10
9
SGND
MUTE
STBY
R4 22K
THERMAL
SHUTDOWN
S/C
PROTECTION
R5 10K
C3 10
µF
C4 10
µF
1
STBY-GND
C5
22
µF
713
14
6
15
8
-Vs
-PWVs
BOOTSTRAP
OUT
+PWVs
+Vs
C9 100nF
C8 1000
µF
-Vs
D97AU805A
+Vs
C7 100nF
C6 1000
µF
BUFFER DRIVER
11
BOOT
LOADER
12
5
VCLIP
CLIP DET
(*)
(*) see Application note
(**) for SLAVE function
(**)
www.st.com


Similar Part No. - TDA7293

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7293 STMICROELECTRONICS-TDA7293 Datasheet
342Kb / 13P
120V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Dec-1999
TDA7293 STMICROELECTRONICS-TDA7293 Datasheet
425Kb / 15P
120V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Jan-2003
TDA7293HS STMICROELECTRONICS-TDA7293HS Datasheet
425Kb / 15P
120V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Jan-2003
TDA7293SCHEMATIC STMICROELECTRONICS-TDA7293SCHEMATIC Datasheet
425Kb / 15P
120V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Jan-2003
TDA7293V STMICROELECTRONICS-TDA7293V Datasheet
342Kb / 13P
120V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Dec-1999
More results

Similar Description - TDA7293

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4700 NSC-LM4700 Datasheet
529Kb / 15P
Overture??Audio Power Amplifier Series 30W Audio Power Amplifier with Mute and Standby Modes
LM4765 NSC-LM4765 Datasheet
536Kb / 15P
Audio Power Amplifier Series Dual 30W Audio Power Amplifier with Mute and Standby Modes
LM4782 NSC-LM4782 Datasheet
1Mb / 26P
3 Channel 25W Audio Power Amplifier with Mute and Standby
LM4731 NSC-LM4731 Datasheet
640Kb / 16P
Stereo 25W Audio Power Amplifier with Mute and Standby Modes
LM4730 NSC-LM4730 Datasheet
643Kb / 17P
Stereo 14W Audio Power Amplifier with Mute and Standby Modes
LM4734 NSC-LM4734 Datasheet
1Mb / 24P
3 Channel 20W Audio Power Amplifier with Mute and Standby
LM1876 NSC-LM1876_03 Datasheet
696Kb / 20P
Dual 20W Audio Power Amplifier with Mute and Standby Modes
logo
STMicroelectronics
TDA7293 STMICROELECTRONICS-TDA7293_10 Datasheet
403Kb / 21P
120-volt, 100-watt, DMOS audio amplifier with mute and standby
24-Sep-2010
logo
Texas Instruments
LM4734 TI1-LM4734_14 Datasheet
1Mb / 28P
3 Channel 20W Audio Power Amplifier with Mute and Standby
LM4782TABD TI1-LM4782TABD Datasheet
1Mb / 32P
Audio Power Amplifier Series 3 Channel 25W Audio Power Amplifier with Mute and Standby
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com