Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7293 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7293
Description  120-volt, 100-watt, DMOS audio amplifier with mute and standby
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7293 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7293 Datasheet HTML 6Page - STMicroelectronics TDA7293 Datasheet HTML 7Page - STMicroelectronics TDA7293 Datasheet HTML 8Page - STMicroelectronics TDA7293 Datasheet HTML 9Page - STMicroelectronics TDA7293 Datasheet HTML 10Page - STMicroelectronics TDA7293 Datasheet HTML 11Page - STMicroelectronics TDA7293 Datasheet HTML 12Page - STMicroelectronics TDA7293 Datasheet HTML 13Page - STMicroelectronics TDA7293 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Applications information
TDA7293
10/21
Doc ID 6744 Rev 8
4
Applications information
4.1
Applications suggestions
The recommended values of the external components are those shown on the application
circuit of Figure 1 on page 1. Different values can, however, be used and the following table
could be useful when choosing alternative values.
Figure 7.
Slave function: pin 4 (Ref to pin 8)
Table 5.
Choosing alternative component values
Component
Suggested
value
Purpose
Larger than
suggested
Smaller than
suggested
R1 (1)
1.
R1 = R3 for pop optimization
22 k
Ω
Input resistance
Increase input
impedance
Decrease input
impedance
R2
680
Ω
Closed loop gain,
set to 30 dB (2)
2.
Closed loop gain has to be ³ 26dB
Decrease of gain
Increase of gain
R3 (1)
22 k
Ω
Increase of gain
Decrease of gain
R4
22 k
Ω
Standby time constant
Larger Standby
on/off time
Smaller standby
ON/OFF time; pop
noise
R5
10 k
Ω
Mute time constant
Larger mute
on/off time
Smaller mute
on/off time
C1
0.47
µF
Input DC decoupling
-
Higher low-frequency
cutoff
C2
22
µF
Feedback DC
decoupling
-
Higher low-frequency
cutoff
C3
10
µF
Mute time constant
Larger mute
on/off time
Smaller mute on/off
time
C4
10
µF
Standby time constant
Larger standby
on/off time
Smaller standby on/off
time; pop noise
C5
22
µF (3) x N
3.
Multiply this value by the number, N, of modular parts connected
Bootstrapping
-
Signal degradation at
low frequency
C6, C8
1000
µF
Supply voltage bypass -
-
C7, C9
0.1
µF
Supply voltage bypass -
Danger of oscillation
MASTER
UNDEFINED
SLAVE
-VS +3V
-VS +1V
-VS
D98AU821
Note:
If in the application the speakers are
connected via long wires, it is a good rule
to add, between the output and GND, a
boucherot cell in order to avoid dangerous
spurious oscillations if the speakers
terminal are shorted.
The suggested boucherot resistor is
3.9
Ω/2W and the capacitor is 1µF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com