Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7294 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA7294
Description  100 V, 100 W DMOS audio amplifier with mute/st-by
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7294 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA7294 Datasheet HTML 11Page - STMicroelectronics TDA7294 Datasheet HTML 12Page - STMicroelectronics TDA7294 Datasheet HTML 13Page - STMicroelectronics TDA7294 Datasheet HTML 14Page - STMicroelectronics TDA7294 Datasheet HTML 15Page - STMicroelectronics TDA7294 Datasheet HTML 16Page - STMicroelectronics TDA7294 Datasheet HTML 17Page - STMicroelectronics TDA7294 Datasheet HTML 18Page - STMicroelectronics TDA7294 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
Figure 18. Turn ON/OFF suggested sequence
PLAY
OFF
ST-BY
MUTE
MUTE
ST-BY
OFF
5V
5V
+Vs
(V)
+35
-35
VMUTE
PIN #10
(V)
VST-BY
PIN #9
(V)
-Vs
VIN
(mV)
IP
(mA)
VOUT
(V)
In addition to the overload protection described above, the device features a thermal shutdown circuit which
initially puts the device into a muting state (@ Tj = 145 °C) and then into stand-by (@ Tj = 150 °C).
Full protection against electrostatic discharges on every pin is included.
Figure 19. Single signal ST-BY/MUTE control circuit
1N4148
10K
30K
20K
10µF
10µF
MUTE
STBY
MUTE/
ST-BY
TDA7294
Protections
DS0013 - Rev 8
page 15/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com