Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7296 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7296
Description  70 V-60 W DMOS audio amplifier with mute/ST-BY
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7296 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7296_V01 Datasheet HTML 3Page - STMicroelectronics TDA7296_V01 Datasheet HTML 4Page - STMicroelectronics TDA7296_V01 Datasheet HTML 5Page - STMicroelectronics TDA7296_V01 Datasheet HTML 6Page - STMicroelectronics TDA7296_V01 Datasheet HTML 7Page - STMicroelectronics TDA7296_V01 Datasheet HTML 8Page - STMicroelectronics TDA7296_V01 Datasheet HTML 9Page - STMicroelectronics TDA7296_V01 Datasheet HTML 10Page - STMicroelectronics TDA7296_V01 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
VST on
Standby on treshold
1.5
V
VST off
Standby off treshold
3.5
ATTst-by
Standby attenuation
70
90
dB
Iq st-by
Quiescent current @standby
1
3
mA
Mute function (ref -VS to GND)
VMON
Mute on threshold
1.5
V
VMoff
Mute off threshold
3.5
ATTmute
Mute attenuation
60
80
dB
1. Music power is the maximal power which the amplifier is capable of producing across the rated load resistance (regardless
of non linearity) 1 s after the application of a sinusoidal input signal of frequency 1 kHz.
2. Tested with optimized application board.
TDA7296
Electrical characteristics
DS0179 - Rev 11
page 7/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com