Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7296 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7296
Description  70 V-60 W DMOS audio amplifier with mute/ST-BY
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7296 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7296_V01 Datasheet HTML 1Page - STMicroelectronics TDA7296_V01 Datasheet HTML 2Page - STMicroelectronics TDA7296_V01 Datasheet HTML 3Page - STMicroelectronics TDA7296_V01 Datasheet HTML 4Page - STMicroelectronics TDA7296_V01 Datasheet HTML 5Page - STMicroelectronics TDA7296_V01 Datasheet HTML 6Page - STMicroelectronics TDA7296_V01 Datasheet HTML 7Page - STMicroelectronics TDA7296_V01 Datasheet HTML 8Page - STMicroelectronics TDA7296_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Multiwatt 15
Features
•
Multipower BCD technology
•
Very high operating voltage range (± 35 V)
•
DMOS power stage
•
High output power (up to 60 W music power)
•
Muting/standby functions
•
No switch on/off noise
•
No boucherot cells
•
Very low distortion
•
Very low noise
•
Short-circuit protection
•
Thermal shutdown
Description
The TDA7296 is a monolithic integrated circuit in multiwatt15 package, intended to
be used as audio class AB amplifier in Hi-Fi field applications (home stereo, self
powered loudspeakers, top class TV).
Thanks to the wide voltage range and to the high out current capability, it is able to
supply the highest power into both 4 Ω and 8 Ω loads even in presence of poor
supply regulation, with high supply voltage rejection.
The built in muting function with turn-on delay simplifies the remote operation
avoiding switching on/off noises.
Product status link
TDA7296
70 V-60 W DMOS audio amplifier with mute/ST-BY
TDA7296
Datasheet
DS0179 - Rev 11 - December 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - TDA7296_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7296AV STMICROELECTRONICS-TDA7296AV Datasheet
241Kb / 13P
70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Jun-1996
TDA7296SV STMICROELECTRONICS-TDA7296SV Datasheet
248Kb / 11P
60V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Jun-2000
More results

Similar Description - TDA7296_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7294 STMICROELECTRONICS-TDA7294 Datasheet
372Kb / 16P
100V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Feb-1996
TDA7294S STMICROELECTRONICS-TDA7294S Datasheet
339Kb / 13P
100V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Jun-2000
TDA7295S STMICROELECTRONICS-TDA7295S Datasheet
337Kb / 13P
80V - 80W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Jun-2000
TDA7296A STMICROELECTRONICS-TDA7296A Datasheet
241Kb / 13P
70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Jun-1996
TDA7296S STMICROELECTRONICS-TDA7296S Datasheet
248Kb / 11P
60V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Jun-2000
TDA7294S STMICROELECTRONICS-TDA7294S_05 Datasheet
287Kb / 16P
100V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Feb-2005
TDA7293 STMICROELECTRONICS-TDA7293_03 Datasheet
425Kb / 15P
120V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Jan-2003
TDA7294 STMICROELECTRONICS-TDA7294_07 Datasheet
1Mb / 17P
100V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Apr-2003
TDA7296 STMICROELECTRONICS-TDA7296_05 Datasheet
283Kb / 15P
70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Feb-2005
TDA-7296 STMICROELECTRONICS-TDA-7296 Datasheet
291Kb / 15P
70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Feb-2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com