Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7430 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7430
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7430 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7430_V01 Datasheet HTML 8Page - STMicroelectronics TDA7430_V01 Datasheet HTML 9Page - STMicroelectronics TDA7430_V01 Datasheet HTML 10Page - STMicroelectronics TDA7430_V01 Datasheet HTML 11Page - STMicroelectronics TDA7430_V01 Datasheet HTML 12Page - STMicroelectronics TDA7430_V01 Datasheet HTML 13Page - STMicroelectronics TDA7430_V01 Datasheet HTML 14Page - STMicroelectronics TDA7430_V01 Datasheet HTML 15Page - STMicroelectronics TDA7430_V01 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
TDA7430 - TDA7431
12/23
Table 7. INPUT ATTENUATION SELECTION
INPUT ATTENUATION = 0 ~ -31.5dB
Table 8.
MSB
LSB
INPUT ATTENUATION
D7
D6
D5
D4
D3
D2
D1
D0
0.5 dB STEPS
X0
0
0
0
X0
0
1
-0.5
X0
1
0
-1
X0
1
1
-1.5
X1
0
0
-2
X1
0
1
-2.5
X1
1
0
-3
X1
1
1
-3.5
4 dB STEPS
X0
0
0
0
X0
0
1
-4
X0
1
0
-8
X0
1
1
-12
X1
0
0
-16
X1
0
1
-20
X1
1
0
-24
X1
1
1
-28
D7
D6
D5
D4
D3
D2
D1
D0
REAR SWITCH
X
0
REARIN, REAROUT PIN
ACTIVE
X
1
NO REARIN, REAROUT PIN
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com