Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7430 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TDA7430
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7430 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TDA7430_V01 Datasheet HTML 15Page - STMicroelectronics TDA7430_V01 Datasheet HTML 16Page - STMicroelectronics TDA7430_V01 Datasheet HTML 17Page - STMicroelectronics TDA7430_V01 Datasheet HTML 18Page - STMicroelectronics TDA7430_V01 Datasheet HTML 19Page - STMicroelectronics TDA7430_V01 Datasheet HTML 20Page - STMicroelectronics TDA7430_V01 Datasheet HTML 21Page - STMicroelectronics TDA7430_V01 Datasheet HTML 22Page - STMicroelectronics TDA7430_V01 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
TDA7430 - TDA7431
20/23
Figure 33. TQFP44 (10 x 10) Mechanical Data & Package Dimensions
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.60
0.063
A1
0.05
0.15
0.002
0.006
A2
1.35
1.40
1.45
0.053
0.055
0.057
B
0.30
0.37
0.45
0.012
0.015
0.018
C
0.09
0.20
0.004
0.008
D
11.80
12.00
12.20
0.464
0.472
0.480
D1
9.80
10.00
10.20
0.386
0.394
0.401
D3
8.00
0.315
E
11.80
12.00
12.20
0.464
0.472
0.480
E1
9.80
10.00
10.20
0.386
0.394
0.401
E3
8.00
0.315
e
0.80
0.031
L
0.45
0.60
0.75
0.018
0.024
0.030
L1
1.00
0.039
k
0˚(min.), 3.5˚(typ.), 7˚(max.)
TQFP44 (10 x 10 x 1.4mm)
A
A2
A1
Seating Plane
C
11
12
22
23
33
34
44
D1
D
e
1
K
TQFP4410
0.10mm
.004
0076922 D
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com