Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7431 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7431
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7431 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7431 Datasheet HTML 3Page - STMicroelectronics TDA7431 Datasheet HTML 4Page - STMicroelectronics TDA7431 Datasheet HTML 5Page - STMicroelectronics TDA7431 Datasheet HTML 6Page - STMicroelectronics TDA7431 Datasheet HTML 7Page - STMicroelectronics TDA7431 Datasheet HTML 8Page - STMicroelectronics TDA7431 Datasheet HTML 9Page - STMicroelectronics TDA7431 Datasheet HTML 10Page - STMicroelectronics TDA7431 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7/23
TDA7430 - TDA7431
EFFECT CONTROL
CRANGE
Control Range
±13.0
6
dB
SSTEP
Step Resolution
0.5
1
1.5
dB
SURROUND SOUND MATRIX
TEST CONDITION (Phase Resistor Selection D0=0, D1=1, D2=0. D3=1, D4=0, D5=1, D6=0, D7=1
GOFF
In-phase Gain (OFF)
Mode OFF, Input signal of 1kHz,
1.4 Vp-p, Rin → Rout , Lin → Lout
-1
0
1
dB
DGOFF
LR In-phase Gain Difference
(OFF)
Mode OFF, Input signal of 1kHz,
1.4 Vp-p, Rin → Rout , Lin → Lout
-1
0
1
dB
GMOV
In-phase Gain (Movie)
Movie mode, Effect Ctrl = -6dB
1kHz, 1.4 Vp-p,
Rin → Rout , Lin → Lout
8dB
DGMOV
LR In-phase Gain Difference
(Movie)
Movie mode, Effect Ctrl = -6dB
Input signal of 1kHz, 1.4 Vp-p
(Rin → Rout) - (Lin → Lout)
0dB
GMUS
In-phase Gain (Music)
Music mode, Effect Ctrl = -6dB
Input signal of 1kHz, 1.4 Vp-p
(Rin → Rout) , (Lin → Lout)
7dB
DGMUS
LR In-phase Gain Difference
(Music)
Music mode, Effect Ctrl = -6dB
Input signal of 1kHz, 1.4 Vp-p
(Rin → Rout) , (Lin → Lout)
0dB
LMON1
Simulated L Output 1
Simulated Mode, Effect Ctrl = -6dB
Input signal of 250Hz,
1.4 Vp-p, Rin and Lin
→ Lout
4.5
dB
LMON2
Simulated L Output 2
Simulated Mode, Effect Ctrl = -6dB
Input signal of 1kHz,
1.4 Vp-p, Rin and Lin
→ L
out
–4.0
dB
LMON3
Simulated L Output 3
Simulated Mode, Effect Ctrl = -6dB
Input signal of 3.6kHz,
1.4 Vp-p, Rin and Lin
→ L
out
7.0
dB
RMON1
Simulated R Output 1
Simulated Mode, Effect Ctrl = -6dB
Input signal of 250Hz,
1.4 Vp-p, Rin and Lin
→ R
out
– 4.5
dB
RMON2
Simulated R Output 2
Simulated Mode, Effect Ctrl = -6dB
Input signal of 1kHz,
1.4 Vp-p, Rin and Lin
→ R
out
3.8
dB
RMON3
Simulated R Output 3
Simulated Mode, Effect Ctrl = -6dB
Input signal of 3.6kHz,
1.4 Vp-p, Rin and Lin
→ R
out
– 20
dB
RLP1
Low Pass Filter Resistance
7
10
13
K
Ω
RHPI
High Pass Filter Resistance
42
60
78
K
Ω
RLPF
LP Pin Impedance
7
10
13
K
Ω
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Table 5. Electrical Characteristcs (continued)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com