Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7431 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7431
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7431 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7431 Datasheet HTML 5Page - STMicroelectronics TDA7431 Datasheet HTML 6Page - STMicroelectronics TDA7431 Datasheet HTML 7Page - STMicroelectronics TDA7431 Datasheet HTML 8Page - STMicroelectronics TDA7431 Datasheet HTML 9Page - STMicroelectronics TDA7431 Datasheet HTML 10Page - STMicroelectronics TDA7431 Datasheet HTML 11Page - STMicroelectronics TDA7431 Datasheet HTML 12Page - STMicroelectronics TDA7431 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9/23
TDA7430 - TDA7431
3I2C BUS INTERFACE
Data transmission from microprocessor to the TDA7430/TDA7431 and viceversa takes place through the 2
wires I2C BUS interface, consisting of the two lines SDA and SCL (pull-up resistors to positive supply voltage
must be connected).
3.1 Data Validity
As shown in fig. 8, the data on the SDA line must be stable during the high period of the clock. The HIGH and
LOW state of the data line can only change when the clock signal on the SCL line is LOW.
3.2 Start and Stop Conditions
As shown in fig.9 a start condition is a HIGH to LOW transition of the SDA line while SCL is HIGH. The stop
condition is a LOW to HIGH transition of the SDA line while SCL is HIGH.
3.3 Byte Format
Every byte transferred on the SDA line must contain 8 bits. Each byte must be followed by an acknowledge bit.
The MSB is transferred first.
3.4 Acknowledge
The master (
µP) puts a resistive HIGH level on the SDA line during the acknowledge clock pulse (see fig. 10).
The peripheral (audioprocessor) that acknowledges has to pull-down (LOW) the SDA line during this clock
pulse.
The audioprocessor which has been addressed has to generate an acknowledge after the reception of each
byte, otherwise the SDA line remains at the HIGH level during the ninth clock pulse time. In this case the master
transmitter can generate the STOP information in order to abort the transfer.
3.5 Transmission without Acknowledge
Avoiding to detect the acknowledge of the audioprocessor, the
µP can use a simpler transmission: simply it
waits one clock without checking the slave acknowledging, and sends the new data.
This approach of course is less protected from misworking.
d
Distorsion
Av = 0 ; Vin = 1Vrms
0.01
0.1
%
SC
Channel Separation
70
90
dB
VOCL
Clipping Level
d = 0.3%
2
2.5
Vrms
ROUT
Output Resistance
10
40
70
Ω
VOUT
DC Voltage Level
3.8
V
BUS INPUTS
VIL
Input Low Voltage
1V
VIH
Input High Voltage
3
V
IIN
Input Current
-5
+5
mA
VO
Output Voltage SDA
Acknowledge
IO = 1.6mA
0.4
V
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Table 5. Electrical Characteristcs (continued)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com