Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7492MV Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7492MV
Description  50 W mono BTL class-D audio amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7492MV Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7492MV Datasheet HTML 9Page - STMicroelectronics TDA7492MV Datasheet HTML 10Page - STMicroelectronics TDA7492MV Datasheet HTML 11Page - STMicroelectronics TDA7492MV Datasheet HTML 12Page - STMicroelectronics TDA7492MV Datasheet HTML 13Page - STMicroelectronics TDA7492MV Datasheet HTML 14Page - STMicroelectronics TDA7492MV Datasheet HTML 15Page - STMicroelectronics TDA7492MV Datasheet HTML 16Page - STMicroelectronics TDA7492MV Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
DocID16264 Rev 3
13/28
TDA7492MV
Characterization curves
28
4.2
For 8
 load
Figure 11. Output power vs supply voltage
Figure 12. THD vs output power (1 kHz)
10
14
18
22
26
30
34
38
42
15
16
17
18
19
20
21
22
23
24
25
Supply Voltage (V)
THD = 10%
THD = 1%
THD vs. Output Power
THD (%)
Output Power (W)
0.005
10
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
100m
60
200m
500m
1
2
5
10
20
THD vs. Output Power
THD (%)
Output Power (W)
0.005
10
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
100m
60
200m
500m
1
2
5
10
20
THD vs. Output Power
THD (%)
Output Power (W)
0.005
10
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
100m
60
200m
500m
1
2
5
10
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com