Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7492MV Datasheet (PDF) - STMicroelectronics

TDA7492MV Datasheet PDF - STMicroelectronics
Part # TDA7492MV
Download  TDA7492MV Download
File Size   646.75 Kbytes
Page   28 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 50 W mono BTL class-D audio amplifier

TDA7492MV Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7492MV Datasheet PDF - STMicroelectronics

Part # TDA7492MV
Download  TDA7492MV Click to download

File Size   646.75 Kbytes
Page   28 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 50 W mono BTL class-D audio amplifier

TDA7492MV Datasheet (HTML) - STMicroelectronics


TDA7492MV Product details

Features
 50 W continuous output power: RL = 6 ,
THD = 10% at VCC = 25 V
 40 W continuous output power: RL = 8 ,
THD = 10% at VCC = 25 V
 Wide range single supply operation (10 - 26 V)
 High efficiency ( = 90%)
 Four selectable, fixed gain settings of
nominally 21.6 dB, 27.6 dB, 31.1 dB and
33.6 dB
 Differential inputs minimize common-mode
noise
 Standby and mute features
 Short-circuit protection
 Thermal-overload protection
 Externally synchronizable




Similar Part No. - TDA7492MV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7492MV STMICROELECTRONICS-TDA7492MV Datasheet
647Kb / 26P
50 W mono BTL class-D audio amplifier
20-Oct-2009
More results


Similar Description - TDA7492MV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA7052 PHILIPS-TDA7052 Datasheet
44Kb / 8P
1 W BTL mono audio amplifier
July 1994
SA58672 PHILIPS-SA58672 Datasheet
184Kb / 27P
3.0 W mono class-D audio amplifier
Rev. 02-23 February 2009
SA58672 NXP-SA58672 Datasheet
192Kb / 27P
3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
logo
STMicroelectronics
TDA7491MV STMICROELECTRONICS-TDA7491MV Datasheet
697Kb / 28P
25 W mono BTL class-D audio amplifier
29-May-2009
TDA7492MV STMICROELECTRONICS-TDA7492MV Datasheet
647Kb / 26P
50 W mono BTL class-D audio amplifier
20-Oct-2009
logo
Synaptics Incorporated.
CX20706 CONEXANT-CX20706 Datasheet
645Kb / 2P
2.5 W BTL mono Class-D speaker amplifier
logo
STMicroelectronics
TDA7498MV STMICROELECTRONICS-TDA7498MV Datasheet
794Kb / 27P
100-watt mono BTL class-D audio amplifier
27-Jan-2011
TDA749213TR STMICROELECTRONICS-TDA749213TR Datasheet
537Kb / 32P
50 W 50 W dual BTL class-D audio amplifier
12-Sep-2011
logo
NXP Semiconductors
SA58672 PHILIPS-SA58672_15 Datasheet
192Kb / 27P
3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
logo
Analog Devices
SSM4321 AD-SSM4321 Datasheet
459Kb / 24P
Mono 2.9 W Class-D Audio Amplifier
10/12-Revision 0
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com