Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAM03CCG1E103BT Datasheet(PDF) 2 Page - Kyocera Kinseki Corpotation

Part # KAM03CCG1E103BT
Description  0201 6.3 V X7T 1uF ±10%
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

KAM03CCG1E103BT Datasheet(HTML) 2 Page - Kyocera Kinseki Corpotation

  KAM03CCG1E103BT Datasheet HTML 1Page - Kyocera Kinseki Corpotation KAM03CCG1E103BT Datasheet HTML 2Page - Kyocera Kinseki Corpotation KAM03CCG1E103BT Datasheet HTML 3Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KAM03CT70J105KH Datasheet
(0201 6.3 V X7T 1uF ±10%)
DF [%] vs Frequency [Hz]
Temp.Rise [°C] vs Ripple Curr. [A
RMS]
Q [-] vs Frequency [Hz]
|ESL| [H] vs Frequency [Hz]
|Cap| [F] vs Frequency [Hz]
Electrical Characteristics
1E-11
1E-10
1E-9
1E+7
1E+8
1E+9
1E+10
1E-7
1E-6
1E-5
1E+2
1E+3
1E+4
1E+5
1E+6
1E+7
1E+8
1E+0
1E+1
1E+2
1E+3
1E+4
1E+2 1E+3 1E+4 1E+5 1E+6 1E+7 1E+8 1E+9 1E+10
1E-2
1E-1
1E+0
1E+1
1E+2
1E+2 1E+3 1E+4 1E+5 1E+6 1E+7 1E+8 1E+9 1E+10
0
50
100
150
200
0
1
2
3
4
5
100kHz
200kHz
300kHz
400kHz
[Hz]
[Hz]
[Hz]
[Hz]
[ARMS]
[°C]
Updated: 16.02.2023.
© KYOCERA AVX
Page: 2 of 3.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com