Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAM03CCG1E103BT Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # KAM03CCG1E103BT
Description  0201 6.3 V X7T 1uF ±10%
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

KAM03CCG1E103BT Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  KAM03CCG1E103BT Datasheet HTML 1Page - Kyocera Kinseki Corpotation KAM03CCG1E103BT Datasheet HTML 2Page - Kyocera Kinseki Corpotation KAM03CCG1E103BT Datasheet HTML 3Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KAM03CT70J105KH Datasheet
(0201 6.3 V X7T 1uF ±10%)
Item
Unit
Spec.
Conditions
Capacitance
uF
0.9 to 1.1
@ 1 kHz, 0.5 Vrms
DF
%
12.5 max.
@ 1 kHz, 0.5 Vrms
IR
MΩ
50 min.
@ 6.3 Vdc, t = 60 s
millimetres
inches
L
0.6 ± 0.09
0.024 ± 0.004
W
0.3 ± 0.09
0.012 ± 0.004
T max.
0.39
0.015
t
0.18 ± 0.05
0.007 ± 0.002
AEC-Q200
Cap.Change [%] vs AC Voltage [VAC]
|Z| & ESR [Ohm] vs Frequency [Hz]
Phase Angle [°] vs Frequency [Hz]
Cap.Change [%] vs DC Voltage [VDC]
S21 [dB] (50Ω, shunt) vs Freq. [Hz]
To download data and
simulation models visit:
Basic Specifications
Dimensions
Cap.Change [%] vs Temperature [°C]
-55°C to +125°C
X7T
Yes
Operating Temperature
Dielectric
Product Level
RoHS Compliant
Electrical Characteristics
Termination
Sn
1E-2
1E-1
1E+0
1E+1
1E+2
1E+3
1E+4
1E+2 1E+3 1E+4 1E+5 1E+6 1E+7 1E+8 1E+9 1E+10
ESR
|Z|
Fres = 1.11E+7 Hz ~ ESR = 1.4E-2
Ω
-70
-60
-50
-40
-30
-20
-10
0
1E+2 1E+3 1E+4 1E+5 1E+6 1E+7 1E+8 1E+9 1E+10
-135
-90
-45
0
45
90
1E+2 1E+3 1E+4 1E+5 1E+6 1E+7 1E+8 1E+9 1E+10
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
1
2
3
4
5
6
-40
-30
-20
-10
0
10
20
-55
-25
5
35
65
95
125
1 kHz, 0.08 Vrms
-30
-25
-20
-15
-10
-5
0
5
10
0
0.2
0.4
0.6
0.8
1
1 kHz
[Hz]
[Hz]
[Hz]
[VAC]
[VDC]
[°C]
Updated: 16.02.2023.
© KYOCERA AVX
Page: 1 of 3.


Similar Part No. - KAM03CCG1E103BT

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KAM03CCG1E103BT KSS-KAM03CCG1E103BT Datasheet
429Kb / 3P
0402 4 V X7T 10uF ±10%
07.02.2023.
KAM03CCG1E103BT KSS-KAM03CCG1E103BT Datasheet
430Kb / 3P
0402 6.3 V X7T 4.7uF ±10%
07.02.2023.
More results

Similar Description - KAM03CCG1E103BT

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
02573 VICOR-02573 Datasheet
55Kb / 1P
CAP, FLM, AXIAL, 1uF, -10%/250V
logo
HolyStone International
HCC HOLYSTONECAPS-HCC Datasheet
213Kb / 2P
High Capacitance MLCC - 1uF and above
logo
Kemet Corporation
C1206C106K9PACTU KEMET-C1206C106K9PACTU Datasheet
71Kb / 1P
Ceramic, Commercial-(CxxxxC), 10 uF, 10%, 6.3 V, 1206, X5R, SMD, MLCC, Temperature Stable, Class II
C0201C100K8GACTU KEMET-C0201C100K8GACTU Datasheet
70Kb / 1P
Ceramic, Commercial-(CxxxxC), 10 pF, 10%, 10 V, 0201, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0201C101K8GACTU KEMET-C0201C101K8GACTU Datasheet
70Kb / 1P
Ceramic, Commercial-(CxxxxC), 100 pF, 10%, 10 V, 0201, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0201C104K9PACTU KEMET-C0201C104K9PACTU Datasheet
71Kb / 1P
Ceramic, Commercial-(CxxxxC), 0.1 uF, 10%, 6.3 V, 0201, X5R, SMD, MLCC, Temperature Stable, Class II
C0201C103K8PACTU KEMET-C0201C103K8PACTU Datasheet
72Kb / 1P
SMD Comm X5R, Ceramic, 0.01 uF, 10%, 10 V, 0201, X5R, SMD, MLCC, Temperature Stable, Class II
C0201C103K9PACTU KEMET-C0201C103K9PACTU Datasheet
59Kb / 1P
SMD Comm X5R, Ceramic, 0.01 uF, 10%, 6.3 V, X5R, SMD, MLCC, Temperature Stable, Class II, 0201
C0201C104M9PACTU KEMET-C0201C104M9PACTU Datasheet
59Kb / 1P
SMD Comm X5R, Ceramic, 0.1 uF, 20%, 6.3 V, X5R, SMD, MLCC, Temperature Stable, Class II, 0201
logo
Samsung semiconductor
CL21B105KAFNNNE SAMSUNG-CL21B105KAFNNNE Datasheet
282Kb / 3P
CAP, 1uF, 25V, 짹10%, X7R, 0805
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com