Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7492 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7492
Description  50 W 50 W dual BTL class-D amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7492 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7492_V01 Datasheet HTML 9Page - STMicroelectronics TDA7492_V01 Datasheet HTML 10Page - STMicroelectronics TDA7492_V01 Datasheet HTML 11Page - STMicroelectronics TDA7492_V01 Datasheet HTML 12Page - STMicroelectronics TDA7492_V01 Datasheet HTML 13Page - STMicroelectronics TDA7492_V01 Datasheet HTML 14Page - STMicroelectronics TDA7492_V01 Datasheet HTML 15Page - STMicroelectronics TDA7492_V01 Datasheet HTML 16Page - STMicroelectronics TDA7492_V01 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
DocID014926 Rev 6
13/32
TDA7492
Characterization curves
32
Figure 6. THD vs. frequency
Figure 7. Frequency response
Figure 8. Crosstalk
0.01
0.5
0.02
0.03
0.04
0.05
0.06
0.07
0.1
0.2
0.3
0.4
THD %
20
20k
50
100
200
500
1k
2k
5k
10k
Frequency (Hz)
Test conditions:
Vcc = 25 V,
RL = 6
Ω,
Rosc = 39 k
Ω, Cosc = 100 nF,
f = 1 kHz,
Gv = 30 dB,
Po = 1 W,
Tamb = 25 C
Specification limit:
Typical: THD < 0.4%
Specification limit:
Max: +/-3 dB (20 Hz to 20 kHz)
Test conditions:
Vcc = 25 V,
RL = 6
Ω,
Rosc = 39 k
Ω, Cosc = 100 nF,
f = 1 kHz,
Gv = 30 dB,
Po = 1 W,
Tamb = 25 C
-6
+1
-5.5
-5
-4.5
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
-0
+0.5
dBrA
20
20k
50
100
200
500
1k
2k
5k
10k
Frequency (Hz)
Specification limit:
Typical: > 50 dB (at f = 1 kHz)
Test conditions:
Vcc = 25 V,
RL = 6
Ω,
Rosc = 39 k
Ω, Cosc = 100 nF,
f = 1 kHz,
Gv = 30 dB,
Po = 1 W
Tamb = 25 C
-120
-60
-115
-110
-105
-100
-95
-90
-85
-80
-75
-70
-65
Crosstalk
dB
20
20k
50
100
200
500
1k
2k
5k
10k
T
T
T
T
T
T
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com