Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7492 Datasheet (PDF) - STMicroelectronics

TDA7492 Datasheet PDF - STMicroelectronics
Part # TDA7492_V01
Download  TDA7492 Download
File Size   701.59 Kbytes
Page   32 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 50 W 50 W dual BTL class-D amplifier

TDA7492 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7492 Datasheet PDF - STMicroelectronics

Part # TDA7492_V01
Download  TDA7492 Click to download

File Size   701.59 Kbytes
Page   32 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 50 W 50 W dual BTL class-D amplifier

TDA7492 Datasheet (HTML) - STMicroelectronics


TDA7492 Product details

Features
 50 W + 50 W continuous output power at
THD = 10% with RL = 6  and VCC = 25 V
 40 W + 40 W continuous output power at
THD = 10% with RL = 8  and VCC = 25 V
 Wide-range single-supply operation (8 - 26 V)
 High efficiency ( = 90%)
 Four selectable, fixed gain settings of
nominally 21.6 dB, 27.6 dB, 31.1 dB and
33.6 dB
 Differential inputs minimize common-mode
noise
 Standby and mute features
 Short-circuit protection
 Thermal overload protection
 Externally synchronizable
 ECOPACK®, environmentally friendly package




Similar Part No. - TDA7492_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7492MV STMICROELECTRONICS-TDA7492MV Datasheet
647Kb / 26P
50 W mono BTL class-D audio amplifier
20-Oct-2009
TDA7492MV STMICROELECTRONICS-TDA7492MV Datasheet
646Kb / 28P
50 W mono BTL class-D audio amplifier
11-May-2020
TDA7492MV13TR STMICROELECTRONICS-TDA7492MV13TR Datasheet
646Kb / 28P
50 W mono BTL class-D audio amplifier
11-May-2020
TDA7492MV STMICROELECTRONICS-TDA7492MV_V01 Datasheet
646Kb / 28P
50 W mono BTL class-D audio amplifier
11-May-2020
More results


Similar Description - TDA7492_V01

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7194K PANASONIC-AN7194K Datasheet
52Kb / 4P
Dual BTL 50 W single power supply class-H power amplifier IC
logo
NXP Semiconductors
TDA8920 PHILIPS-TDA8920 Datasheet
129Kb / 16P
2 x 50 W class-D power amplifier
1998 Dec 01
TDA8922B PHILIPS-TDA8922B Datasheet
201Kb / 32P
2 X 50 W class-D power amplifier
Rev. 01-1 October 2004
logo
STMicroelectronics
TDA7491HV STMICROELECTRONICS-TDA7491HV Datasheet
933Kb / 26P
20 W 20 W dual BTL class-D audio amplifier
11-Dec-2007
TDA7492MV STMICROELECTRONICS-TDA7492MV Datasheet
647Kb / 26P
50 W mono BTL class-D audio amplifier
20-Oct-2009
CCA027V1 STMICROELECTRONICS-CCA027V1 Datasheet
92Kb / 5P
50 W50 W dual BTL class-D audio amplifier demonstration board based on the TDA7492
12-Sep-2011
TDA749213TR STMICROELECTRONICS-TDA749213TR Datasheet
537Kb / 32P
50 W 50 W dual BTL class-D audio amplifier
12-Sep-2011
STEVAL-CCA027V1 STMICROELECTRONICS-STEVAL-CCA027V1 Datasheet
99Kb / 4P
50 W50 W dual BTL class-D audio amplifier demonstration board based on the TDA7492
12-Sep-2011
TDA7492E STMICROELECTRONICS-TDA7492E Datasheet
665Kb / 24P
79 W 79 W dual BTL class-D audio amplifier
24-Feb-2017
TDA7492PE STMICROELECTRONICS-TDA7492PE Datasheet
740Kb / 24P
45 W 45 W dual BTL class-D audio amplifier
17-Nov-2014
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com