Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7492E Datasheet (PDF) - STMicroelectronics

TDA7492E Datasheet PDF - STMicroelectronics
Part # TDA7492E
Download  TDA7492E Download
File Size   665.38 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 79 W 79 W dual BTL class-D audio amplifier

TDA7492E Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7492E Datasheet PDF - STMicroelectronics

Part # TDA7492E
Download  TDA7492E Click to download

File Size   665.38 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 79 W 79 W dual BTL class-D audio amplifier

TDA7492E Datasheet (HTML) - STMicroelectronics


TDA7492E Product details

Description
The TDA7492E is a dual BTL class-D audio amplifier with single power supply designed for home audio applications. The device is housed in a 36-pin PowerSSO

Features
■ Wide-range single-supply operation (7 - 26 V)
■ Possible output configurations: − 2 x PBTL − 1 x Parallel BTL
■ BTL output capabilities (VCC = 26 V): − 61 W + 61 W, 4 Ω, THD 1% − 79 W + 79 W, 4 Ω, THD 10% − 44 W + 44 W, 6 Ω, THD 1% − 57 W + 57 W, 6 Ω, THD 10% − 34 W + 34 W, 8 Ω, THD 1% − 44 W + 44 W, 8 Ω, THD 10%
■ Parallel BTL output capabilities (VCC = 26 V): − 86 W, 3 Ω, THD 1% − 110 W, 3 Ω, THD 10%
■ High efficiency
■ Four selectable, fixed-gain settings of nominally 20.8 dB, 26.8 dB, 30 dB and 32.8 dB
■ Differential inputs minimize common-mode noise
■ Standby, mute and play operating modes
■ Short-circuit protection
■ Output power limited by PLIMIT function
■ Detection of shorted output pins during startup




Similar Part No. - TDA7492E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7492 STMICROELECTRONICS-TDA7492 Datasheet
537Kb / 32P
50 W 50 W dual BTL class-D audio amplifier
12-Sep-2011
TDA7492 STMICROELECTRONICS-TDA7492 Datasheet
701Kb / 32P
50 W 50 W dual BTL class-D amplifier
22-Jan-2015
TDA749213TR STMICROELECTRONICS-TDA749213TR Datasheet
537Kb / 32P
50 W 50 W dual BTL class-D audio amplifier
12-Sep-2011
TDA749213TR STMICROELECTRONICS-TDA749213TR Datasheet
701Kb / 32P
50 W 50 W dual BTL class-D amplifier
22-Jan-2015
TDA7492MV STMICROELECTRONICS-TDA7492MV Datasheet
647Kb / 26P
50 W mono BTL class-D audio amplifier
20-Oct-2009
More results


Similar Description - TDA7492E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA58631 NXP-SA58631 Datasheet
130Kb / 21P
3 W BTL audio amplifier
Rev. 02-12 October 2007
logo
STMicroelectronics
TDA7491HV STMICROELECTRONICS-TDA7491HV Datasheet
933Kb / 26P
20 W 20 W dual BTL class-D audio amplifier
11-Dec-2007
logo
Unisonic Technologies
PA7522 UTC-PA7522 Datasheet
210Kb / 8P
DUAL 3-W BTL AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TDA7491MV STMICROELECTRONICS-TDA7491MV Datasheet
697Kb / 28P
25 W mono BTL class-D audio amplifier
29-May-2009
TDA7492MV STMICROELECTRONICS-TDA7492MV Datasheet
647Kb / 26P
50 W mono BTL class-D audio amplifier
20-Oct-2009
TDA749213TR STMICROELECTRONICS-TDA749213TR Datasheet
537Kb / 32P
50 W 50 W dual BTL class-D audio amplifier
12-Sep-2011
logo
Unisonic Technologies
PA7522 UTC-PA7522_15 Datasheet
210Kb / 8P
DUAL 3-W BTL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA3140D2 TI1-TPA3140D2 Datasheet
1Mb / 40P
10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
TPA3144D2 TI1-TPA3144D2 Datasheet
1Mb / 40P
6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
logo
STMicroelectronics
TDA7492PE STMICROELECTRONICS-TDA7492PE Datasheet
740Kb / 24P
45 W 45 W dual BTL class-D audio amplifier
17-Nov-2014
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com