Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7492 Datasheet (PDF) - STMicroelectronics

TDA7492 Datasheet PDF - STMicroelectronics
Part # TDA7492
Download  TDA7492 Download
File Size   537.2 Kbytes
Page   32 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 50 W 50 W dual BTL class-D audio amplifier

TDA7492 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7492 Datasheet PDF - STMicroelectronics

Part # TDA7492
Download  TDA7492 Click to download

File Size   537.2 Kbytes
Page   32 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 50 W 50 W dual BTL class-D audio amplifier

TDA7492 Datasheet (HTML) - STMicroelectronics


TDA7492 Product details

Description
The TDA7492 is a dual BTL class-D audio amplifier with single power supply designed for LCD TVs and monitors.
Thanks to the high efficiency and exposed-pad-up (EPU) package, only a simple heatsink is required.

Features
● 50 W + 50 W continuous output power at
   THD = 10% with RL = 6 Ω and VCC = 25 V
● 40 W + 40 W continuous output power at
   THD = 10% with RL = 8 Ω and VCC = 25 V
● Wide-range single-supply operation (8 - 26 V)
● High efficiency (η = 90%)
● Four selectable, fixed gain settings of
   nominally 21.6 dB, 27.6 dB, 31.1 dB and
   33.6 dB
● Differential inputs minimize common-mode
   noise
● Standby and mute features
● Short-circuit protection
● Thermal overload protection
● Externally synchronizable
● ECOPACK®, environmentally friendly package




Similar Part No. - TDA7492

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7492 STMICROELECTRONICS-TDA7492 Datasheet
701Kb / 32P
50 W 50 W dual BTL class-D amplifier
22-Jan-2015
TDA749213TR STMICROELECTRONICS-TDA749213TR Datasheet
701Kb / 32P
50 W 50 W dual BTL class-D amplifier
22-Jan-2015
TDA7492E STMICROELECTRONICS-TDA7492E Datasheet
665Kb / 24P
79 W 79 W dual BTL class-D audio amplifier
24-Feb-2017
TDA7492ETR STMICROELECTRONICS-TDA7492ETR Datasheet
665Kb / 24P
79 W 79 W dual BTL class-D audio amplifier
24-Feb-2017
TDA7492MV STMICROELECTRONICS-TDA7492MV Datasheet
647Kb / 26P
50 W mono BTL class-D audio amplifier
20-Oct-2009
More results


Similar Description - TDA7492

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK402-090 SANYO-STK402-090 Datasheet
54Kb / 5P
Two-Channel Class AB Audio Power Amplifier IC 50 W 50 W
logo
NXP Semiconductors
TDA8926 PHILIPS-TDA8926 Datasheet
332Kb / 32P
Power stage 2 x 50 W class-D audio amplifier
2002 Oct 10
TDA8947J PHILIPS-TDA8947J Datasheet
200Kb / 24P
4-channel audio amplifier (SE: 1 W to 25 W; BTL: 4 W to 50 W)
Rev. 01-06 February 2004
logo
STMicroelectronics
TDA7491HV STMICROELECTRONICS-TDA7491HV Datasheet
933Kb / 26P
20 W 20 W dual BTL class-D audio amplifier
11-Dec-2007
TDA7491MV STMICROELECTRONICS-TDA7491MV Datasheet
697Kb / 28P
25 W mono BTL class-D audio amplifier
29-May-2009
TDA7492MV STMICROELECTRONICS-TDA7492MV Datasheet
647Kb / 26P
50 W mono BTL class-D audio amplifier
20-Oct-2009
CCA027V1 STMICROELECTRONICS-CCA027V1 Datasheet
92Kb / 5P
50 W50 W dual BTL class-D audio amplifier demonstration board based on the TDA7492
12-Sep-2011
STEVAL-CCA027V1 STMICROELECTRONICS-STEVAL-CCA027V1 Datasheet
99Kb / 4P
50 W50 W dual BTL class-D audio amplifier demonstration board based on the TDA7492
12-Sep-2011
TDA7492E STMICROELECTRONICS-TDA7492E Datasheet
665Kb / 24P
79 W 79 W dual BTL class-D audio amplifier
24-Feb-2017
TDA7492PE STMICROELECTRONICS-TDA7492PE Datasheet
740Kb / 24P
45 W 45 W dual BTL class-D audio amplifier
17-Nov-2014
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com