Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYT71F-800 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BYT71F-800
Description  FAST RECOVERY RECTIFIER DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYT71F-800 Datasheet(HTML) 1 Page - STMicroelectronics

  BYT71F-800 Datasheet HTML 1Page - STMicroelectronics BYT71F-800 Datasheet HTML 2Page - STMicroelectronics BYT71F-800 Datasheet HTML 3Page - STMicroelectronics BYT71F-800 Datasheet HTML 4Page - STMicroelectronics BYT71F-800 Datasheet HTML 5Page - STMicroelectronics BYT71F-800 Datasheet HTML 6Page - STMicroelectronics BYT71F-800 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BYT71(F)-800
August 1998 Ed : 3A
FAST RECOVERY RECTIFIER DIODES
®
Symbol
Parameter
Value
Unit
IF(RMS)
RMS on-state current
12
A
IF(AV)
Average forward current
δ = 0.5
TO220AC
Tc=130
°C6
A
ISOWATT220AC
Tc=105
°C6
IFSM
Surge non repetitive forward current
tp=10ms
sinusoidal
90
A
Tstg
Tj
Storage and junction temperature range
- 65 to + 150
- 65 to + 150
°C
°C
TO220AC
(Plastic)
K
A
.
HIGH VOLTAGE CAPABILITY
.
FAST AND SOFT RECOVERY
.
INSULATED PACKAGE :
insulating voltage = 2000VDC
capacitance = 12 pF
DESCRIPTION
Symbol
Parameter
BYT71-(F)
Unit
600
800
VRRM
Repetitive peak off-state voltage
600
800
V
ABSOLUTE MAXIMUM RATINGS
FEATURES
Single chip rectifier suited for power conversion
and polarity protection applications.
This device is packaged in TO220AC and in
ISOWATT220AC.
ISOWATT220AC
(Plastic)
K
A
1/7


Similar Part No. - BYT71F-800

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BYT71F-800 STMICROELECTRONICS-BYT71F-800 Datasheet
303Kb / 7P
FAST RECOVERY RECTIFIER DIODES
Aug-1998
logo
Inchange Semiconductor ...
BYT71F-800 ISC-BYT71F-800 Datasheet
307Kb / 2P
Fast Recover Rectifier Diodes
More results

Similar Description - BYT71F-800

ManufacturerPart #DatasheetDescription
logo
Sanken electric
AS01Z SANKEN-AS01Z Datasheet
26Kb / 1P
Fast-Recovery Rectifier Diodes
FMU-G16S SANKEN-FMU-G16S Datasheet
21Kb / 1P
Fast-Recovery Rectifier Diodes
RC2 SANKEN-RC2 Datasheet
19Kb / 1P
Fast-Recovery Rectifier Diodes
RS1A SANKEN-RS1A Datasheet
22Kb / 1P
Fast-Recovery Rectifier Diodes
RU3M SANKEN-RU3M Datasheet
23Kb / 1P
Fast-Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
FR201 EIC-FR201 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
FR301 EIC-FR301 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
MR850 EIC-MR850 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
RU2 EIC-RU2 Datasheet
39Kb / 2P
FAST RECOVERY RECTIFIER DIODES
RU3 EIC-RU3 Datasheet
39Kb / 2P
FAST RECOVERY RECTIFIER DIODES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com