Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYT71F-800 Datasheet(PDF) 6 Page - STMicroelectronics

Part # BYT71F-800
Description  FAST RECOVERY RECTIFIER DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYT71F-800 Datasheet(HTML) 6 Page - STMicroelectronics

  BYT71F-800 Datasheet HTML 1Page - STMicroelectronics BYT71F-800 Datasheet HTML 2Page - STMicroelectronics BYT71F-800 Datasheet HTML 3Page - STMicroelectronics BYT71F-800 Datasheet HTML 4Page - STMicroelectronics BYT71F-800 Datasheet HTML 5Page - STMicroelectronics BYT71F-800 Datasheet HTML 6Page - STMicroelectronics BYT71F-800 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PACKAGE MECHANICAL DATA
TO220 AC
Plastic
A
C
D
E
M
L7
H2
ØI
L5
L6
L9
L4
G
F1
F
L2
AK
.
Marking : Type number
.
Cooling method : C
.
Weight : 1.86 g
.
Recommended torque value : 0.55m.N
.
Maximum torque value : 0.70m.N
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.173
0.181
C
1.23
1.32
0.048
0.051
D
2.40
2.72
0.094
0.107
E
0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.066
G
4.95
5.15
0.194
0.202
H2
10.00
10.40
0.393
0.409
L2
16.40 typ.
0.645 typ.
L4
13.00
14.00
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.20
6.60
0.244
0.259
L9
3.50
3.93
0.137
0.154
M
2.6 typ.
0.102 typ.
Diam. I
3.75
3.85
0.147
0.151
BYT71(F)-800
6/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com