Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTSTND Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # LTSTND
Description  Adjustable Laptop Stand - Heavy Duty - 3 Height Settings
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

LTSTND Datasheet(HTML) 1 Page - StarTech.com Ltd.

  LTSTND Datasheet HTML 1Page - StarTech.com Ltd. LTSTND Datasheet HTML 2Page - StarTech.com Ltd. LTSTND Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Adjustable Laptop Stand - Heavy Duty - 3 Height Settings
Product ID: LTSTND
Work in greater comfort with this height adjustable laptop stand. It raises your laptop off your desk or table surface,
helping to encourage good posture and reduce neck and eye strain.
The stylish and heavy-duty laptop riser, with its 2.5 mm thick steel platform and robust aluminum legs, provides a
stable surface for your notebook. The large platform size (14.1” x 9.8” / 35.7 cm x 25 cm) supports most laptop sizes
including 17”, with a weight capacity of up to 22 lb. (10 kg). There is ample room underneath to store items like your
external hard drive.
Create a workstation that works best for you. Simply use the thumbscrews to adjust the height of the legs on the
laptop riser to suit your needs. Choose from three height settings, to raise the back of the platform off the surface of
your desk: 7.3”, 8.3”, or 9.3” (18.5 cm, 21 cm, or 23.5 cm).
To provide a comfortable viewing angle. The ergonomic laptop stand is tilted slightly downward 22 degrees allowing
an optimum incline for typing. The raised lip (0.5” / 12.7 mm high) on the front of the platform helps to prevent your
laptop from sliding off the surface.
It takes only minutes to set up the notebook stand. Cable management channels in the back keep your cables neat
and organized. The non-skid rubber feet protect your work surface from scratches.
LTSTND is backed by a StarTech.com 5-year warranty and free, lifetime technical support.
Certifications, Reports and Compatibility
Applications
• Perfect for office workers in commercial, business, and institutional facilities to add comfort while using your laptop
• Ideal for the business office, school and home usage for enhanced ergonomics


Similar Part No. - LTSTND

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-008BGEW LITEON-LTST-008BGEW Datasheet
762Kb / 14P
ROHS/ Package in 12 mm tape on 7??diameter reels
LTST-008EGSW LITEON-LTST-008EGSW Datasheet
452Kb / 13P
SMD LED
LTST-008GEBW LITEON-LTST-008GEBW Datasheet
597Kb / 12P
ROHS/ Package in 12 mm tape on 7??diameter reels
LTST-008GEBW-P1 LITEON-LTST-008GEBW-P1 Datasheet
439Kb / 12P
SMD LED
LTST-008GEBW-PX LITEON-LTST-008GEBW-PX Datasheet
536Kb / 13P
SMD LED
More results

Similar Description - LTSTND

ManufacturerPart #DatasheetDescription
logo
Energizer
1235 ENERGIZER-1235 Datasheet
146Kb / 2P
SUPER HEAVY DUTY
logo
Extech Instruments Corp...
407026 EXTECH-407026 Datasheet
537Kb / 8P
Heavy Duty Meter
logo
List of Unclassifed Man...
BU-24APN ETC2-BU-24APN Datasheet
49Kb / 1P
Heavy Duty Clip
logo
Bourns Electronic Solut...
2046-09 BOURNS-2046-09 Datasheet
200Kb / 2P
Heavy-Duty 3-Electrode Gas Discharge Tube
logo
TT Electronics.
P270 TTELEC-P270 Datasheet
859Kb / 6P
Heavy duty applications
logo
OEN India Limited
OEN53 OENINDIA-OEN53 Datasheet
529Kb / 2P
HEAVY DUTY RELAY
OEN53PT OENINDIA-OEN53PT Datasheet
542Kb / 2P
HEAVY DUTY RELAY
logo
Energizer
1151 ENERGIZER-1151 Datasheet
585Kb / 1P
Heavy Duty Flashlight
1251 ENERGIZER-1251 Datasheet
577Kb / 1P
Heavy Duty Flashlight
1251L ENERGIZER-1251L Datasheet
228Kb / 1P
Heavy Duty Flashlight
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com