Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTSTND Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # LTSTND
Description  Adjustable Laptop Stand - Heavy Duty - 3 Height Settings
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

LTSTND Datasheet(HTML) 2 Page - StarTech.com Ltd.

  LTSTND Datasheet HTML 1Page - StarTech.com Ltd. LTSTND Datasheet HTML 2Page - StarTech.com Ltd. LTSTND Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• Use it not only as a laptop riser, but also for your tablet or while reading a book
Features
• Ergonomic stand raises your laptop off your desk, with tilted angle for comfortable viewing
• Height adjustable with three settings, raising the legs: 7.3”, 8.3”, or 9.3” (18.5 cm, 21 cm, or 23.5 cm)
• Heavy-duty steel platform (2.5 mm thick) and aluminum legs provide a stable platform, with weight capacity of 22lb.
(10 kg)
• Large platform (14.1” x 9.8” / 35.7 cm x 25 cm) supports most laptop sizes including 17”
• Raised lip (0.5” / 12.7 mm high) on front edge helps prevent your laptop from sliding off
Performance
Warranty
5 Years
General Specifications
Adjustable Height of Legs: 7.3”, 8.3”, or 9.3” (18.5 cm, 21 cm, or
23.5 cm)
Weight Capacity of Work
Surface
44.2 lb [20 kg]
Height Adjustment
Yes
Physical
Characteristics
Color
Black & Silver
Material
Steel
Product Length
12.5 in [31.8 cm]
Product Width
14.1 in [35.7 cm]
Product Height
7.3 in [18.5 cm]
Weight of Product
7.0 lb [3.2 kg]
Packaging
Information
Package Length
16.5 in [42 cm]
Package Width
13.3 in [33.7 cm]
Package Height
3.7 in [95 mm]



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com