Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85RS4MLY Datasheet(PDF) 20 Page - RAMXEED LIMITED

Part # MB85RS4MLY
Description  4M (512 K X 8) Bit SPI
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RS4MLY Datasheet(HTML) 20 Page - RAMXEED LIMITED

Back Button MB85RS4MLY Datasheet HTML 16Page - RAMXEED LIMITED MB85RS4MLY Datasheet HTML 17Page - RAMXEED LIMITED MB85RS4MLY Datasheet HTML 18Page - RAMXEED LIMITED MB85RS4MLY Datasheet HTML 19Page - RAMXEED LIMITED MB85RS4MLY Datasheet HTML 20Page - RAMXEED LIMITED MB85RS4MLY Datasheet HTML 21Page - RAMXEED LIMITED MB85RS4MLY Datasheet HTML 22Page - RAMXEED LIMITED MB85RS4MLY Datasheet HTML 23Page - RAMXEED LIMITED MB85RS4MLY Datasheet HTML 24Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
MB85RS4MLY(AEC-Q100 Compliant)
20
DS501-00068-3v0-E
POWER ON/OFF SEQUENCE
If the device does not operate within the specified conditions of read cycle, write cycle or power on/off
sequence, memory data can not be guaranteed.
Parameter
Symbol
Value
Unit
Min
Max
CS high level hold time at power OFF
tpd
400
ns
CS high level hold time at power ON
tpu
450
s
Power supply rising time
tr
0.05
ms/V
Power supply falling time
tf
0.1
ms/V
CS >VDD
× 0.7 ∗
tpd
tpu
tr
tf
VIL (Max)
1.0 V
VIH (Min)
1.7 V
VDD
CS : don't care
CS >VDD
× 0.7 ∗
CS
CS
VIL (Max)
1.0 V
VIH (Min)
1.7 V
VDD
VSS
VSS
* : CS (Max) < VDD  0.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com