Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85RS4MLY Datasheet(PDF) 1 Page - RAMXEED LIMITED

Part # MB85RS4MLY
Description  4M (512 K X 8) Bit SPI
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RS4MLY Datasheet(HTML) 1 Page - RAMXEED LIMITED

  MB85RS4MLY Datasheet HTML 1Page - RAMXEED LIMITED MB85RS4MLY Datasheet HTML 2Page - RAMXEED LIMITED MB85RS4MLY Datasheet HTML 3Page - RAMXEED LIMITED MB85RS4MLY Datasheet HTML 4Page - RAMXEED LIMITED MB85RS4MLY Datasheet HTML 5Page - RAMXEED LIMITED MB85RS4MLY Datasheet HTML 6Page - RAMXEED LIMITED MB85RS4MLY Datasheet HTML 7Page - RAMXEED LIMITED MB85RS4MLY Datasheet HTML 8Page - RAMXEED LIMITED MB85RS4MLY Datasheet HTML 9Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Copyright 2024 RAMXEED LIMITED
Fujitsu Semiconductor Memory Solutions Limited has changed its name to RAMXEED Limited.
RAMXEED Limited will continue to offer and support existing products while maintaining Fujitsu's
part number unchanged.
Memory FeRAM
4M (512 K  8) Bit SPI
MB85RS4MLY(AEC-Q100 Compliant)
DESCRIPTION
MB85RS4MLY is a FeRAM (Ferroelectric Random Access Memory) chip in a configuration of 524,288
words  8 bits, using the ferroelectric process and silicon gate CMOS process technologies for forming
the nonvolatile memory cells. This product is specifically targeted for high-temperature environment such
as automotive applications.
MB85RS4MLY adopts the Serial Peripheral Interface (SPI).
The MB85RS4MLY is able to retain data without using a back-up battery, as is needed for SRAM.
The memory cells used in the MB85RS4MLY can be used for 1013 read/write operations, which is a significant
improvement over the number of read and write operations supported by Flash memory and E2PROM.
As MB85RS4MLY does not need any waiting time in writing process, the write cycle time of MB85RS4MLY
is much shorter than that of Flash memories or E2PROM.
FEATURES
• Bit configuration
: 524,288 words  8 bits
• Special Sector Region
: 256 words  8 bits
In this region, data storage after (by) three times reflow based on
JEDEC MSL-3 standard condition is guaranteed.
• Unique ID
• Serial Number
: 64 bits
In this region, data storage after (by) three times reflow based on
JEDEC MSL-3 standard condition is guaranteed.
• Serial Peripheral Interface
: SPI (Serial Peripheral Interfaces)
Correspondent to SPI mode 0 (0, 0) and mode 3 (1, 1)
• Operating frequency
: 50 MHz (Max)
• High endurance
: 1013 times / byte
• Data retention
: 50.4 years (+85 C)
13.7 years (+105 C)
4.2 years (+125 C) or more
Under evaluation for more than 4.2 years(+125 C)
• Operating power supply voltage : 1.7 V to 1.95 V
• Low power consumption
: Operating power supply current 3.5 mA (Max@50 MHz)
Standby current 340 A (Max)
• Operation ambient temperature range :  40 C to +125 C
• Package
: 8-pin plastic DFN 5mm  6mm
RoHS compliant
DS501-00068-3v0-E


Similar Part No. - MB85RS4MLY

ManufacturerPart #DatasheetDescription
logo
RAMXEED LIMITED
MB85RS4MT RAMXEED-MB85RS4MT Datasheet
2Mb / 31P
4 M (512 K X 8) Bit SPI
MB85RS4MTPF-G-BCE1 RAMXEED-MB85RS4MTPF-G-BCE1 Datasheet
2Mb / 31P
4 M (512 K X 8) Bit SPI
MB85RS4MTPF-G-BCERE1 RAMXEED-MB85RS4MTPF-G-BCERE1 Datasheet
2Mb / 31P
4 M (512 K X 8) Bit SPI
MB85RS4MTY RAMXEED-MB85RS4MTY Datasheet
2Mb / 32P
4M (512 K x 8) Bit SPI
MB85RS4MTYPN-GS-AWEWE1 RAMXEED-MB85RS4MTYPN-GS-AWEWE1 Datasheet
2Mb / 32P
4M (512 K x 8) Bit SPI
More results

Similar Description - MB85RS4MLY

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM628511H HITACHI-HM628511H Datasheet
75Kb / 13P
4M High Speed SRAM (512-kword x 8-bit)
HM62W8511HC HITACHI-HM62W8511HC Datasheet
66Kb / 14P
4M High Speed SRAM (512-kword x 8-bit)
HM628512ALFP-5 HITACHI-HM628512ALFP-5 Datasheet
552Kb / 18P
4M SRAM (512 KWORD X 8 BIT)
logo
fujitsu semiconductor
MBM29LV800TE FUJITSU-MBM29LV800TE Datasheet
292Kb / 58P
8M (1M x 8/512 K x 16) BIT
logo
Renesas Technology Corp
HM62W8511HC RENESAS-HM62W8511HC Datasheet
171Kb / 16P
4M High Speed SRAM (512-kword x 8-bit)
R1LV0408C-C RENESAS-R1LV0408C-C Datasheet
97Kb / 14P
4M SRAM (512-kword X 8-bit)
logo
fujitsu semiconductor
MB85RS64A FUJITSU-MB85RS64A Datasheet
224Kb / 20P
Memory FRAM 64 K (8 K x 8) Bit SPI
logo
Cypress Semiconductor
CY14B512Q1 CYPRESS-CY14B512Q1_13 Datasheet
1Mb / 27P
512-Kbit (64 K x 8) Serial (SPI) nvSRAM
CY14C512PA CYPRESS-CY14C512PA_13 Datasheet
1Mb / 42P
512-Kbit (64 K x 8) SPI nvSRAM
logo
fujitsu semiconductor
MB85RQ4MLPF-G FUJITSU-MB85RQ4MLPF-G Datasheet
360Kb / 30P
4 M (512 K 횞 8) Bit Quad SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com