Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85RS4MT Datasheet(PDF) 13 Page - RAMXEED LIMITED

Part # MB85RS4MT
Description  4 M (512 K X 8) Bit SPI
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RS4MT Datasheet(HTML) 13 Page - RAMXEED LIMITED

Back Button MB85RS4MT Datasheet HTML 9Page - RAMXEED LIMITED MB85RS4MT Datasheet HTML 10Page - RAMXEED LIMITED MB85RS4MT Datasheet HTML 11Page - RAMXEED LIMITED MB85RS4MT Datasheet HTML 12Page - RAMXEED LIMITED MB85RS4MT Datasheet HTML 13Page - RAMXEED LIMITED MB85RS4MT Datasheet HTML 14Page - RAMXEED LIMITED MB85RS4MT Datasheet HTML 15Page - RAMXEED LIMITED MB85RS4MT Datasheet HTML 16Page - RAMXEED LIMITED MB85RS4MT Datasheet HTML 17Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
MB85RS4MT
DS501-00053-3v1-E
13
ELECTRICAL CHARACTERISTICS
1. DC Characteristics
(within recommended operating conditions)
*1 : Applicable pin : CS, WP, HOLD, SCK, SI
*2 : Applicable pin : SO
Parameter
Symbol
Condition
Value
Unit
Min
Typ
Max
Input leakage current*1
|ILI|
0  CS< VDD
200
A
CS  VDD
1
WP, HOLD, SCK
SI  0 V to VDD
1
Output leakage current*2
|ILO|
SO  0 V to VDD
1
A
Operating power supply current
IDD
SCK  1MHz
0.15
0.25
mA
SCK  33 MHz
1.5
2.1
SCK  40 MHz
1.8
2.6
Standby current
ISB
SCK  SI  CS  VDD
10
50
A
Sleep current
IZZ
CS  VDD
All inputs VSS or VDD
5
8
A
Input high voltage
VIH
VDD  1.8 V to 3.6 V
VDD  0.7
VDD  0.5
V
Input low voltage
VIL
VDD  1.8 V to 3.6 V
0.5
VDD  0.3
V
Output high voltage
VOH
IOH   2 mA
VDD  0.5
V
Output low voltage
VOL
IOL  2 mA
0.4
V
Pull up resistance for CS
RP
18
33
80
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com