Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85RS4MT Datasheet(PDF) 17 Page - RAMXEED LIMITED

Part # MB85RS4MT
Description  4 M (512 K X 8) Bit SPI
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RS4MT Datasheet(HTML) 17 Page - RAMXEED LIMITED

Back Button MB85RS4MT Datasheet HTML 13Page - RAMXEED LIMITED MB85RS4MT Datasheet HTML 14Page - RAMXEED LIMITED MB85RS4MT Datasheet HTML 15Page - RAMXEED LIMITED MB85RS4MT Datasheet HTML 16Page - RAMXEED LIMITED MB85RS4MT Datasheet HTML 17Page - RAMXEED LIMITED MB85RS4MT Datasheet HTML 18Page - RAMXEED LIMITED MB85RS4MT Datasheet HTML 19Page - RAMXEED LIMITED MB85RS4MT Datasheet HTML 20Page - RAMXEED LIMITED MB85RS4MT Datasheet HTML 21Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
MB85RS4MT
DS501-00053-3v1-E
17
POWER ON/OFF SEQUENCE
If the device does not operate within the specified conditions of read cycle, write cycle or power on/off
sequence, memory data can not be guaranteed.
FeRAM CHARACTERISTICS
*1 : For details on the Read/Write endurance value, please refer to “■Read/Write endurance about FeRAM”.
*2 : Minimum values define retention time of the first reading/writing data after shipment, and these values are
calculated by qualification results.
Parameter
Symbol
Value
Unit
condition
Min
Max
CS level hold time at power OFF
tpd
0
ns
VDD=2.7 to 3.6V
400
VDD=1.8 to 2.7V
CS level hold time at power ON
tpu
250
s
Power supply rising time
tr
0.05
ms/V
Power supply falling time
tf
0.1
ms/V
Parameter
Value
Unit
Remarks
Min
Max
Read/Write Endurance*1
1014
Times
Operation Ambient Temperature TA   85 C
Total number of reading and writing.
Data Retention*2
10
Years
Operation Ambient Temperature TA   85 C
95
Operation Ambient Temperature TA   55 C
200
Operation Ambient Temperature TA   35 C
VSS
CS >VDD
× 0.7 ∗
tpd
tpu
tr
tf
VIL (Max)
1.0 V
VIH (Min)
VDD (Min)
VDD
CS : don't care
CS >VDD
× 0.7 ∗
CS
CS
VSS
VIL (Max)
1.0 V
VIH (Min)
VDD (Min)
VDD
* : CS (Max) < VDD  0.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com