Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10ETS12STRLPBF Datasheet(PDF) 2 Page - Interpoint Corporation Company

Part # 10ETS12STRLPBF
Description  INPUT RECTIFIER DIODE Lead-Free ("PbF" suffix)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

10ETS12STRLPBF Datasheet(HTML) 2 Page - Interpoint Corporation Company

  10ETS12STRLPBF Datasheet HTML 1Page - Interpoint Corporation Company 10ETS12STRLPBF Datasheet HTML 2Page - Interpoint Corporation Company 10ETS12STRLPBF Datasheet HTML 3Page - Interpoint Corporation Company 10ETS12STRLPBF Datasheet HTML 4Page - Interpoint Corporation Company 10ETS12STRLPBF Datasheet HTML 5Page - Interpoint Corporation Company 10ETS12STRLPBF Datasheet HTML 6Page - Interpoint Corporation Company 10ETS12STRLPBF Datasheet HTML 7Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
10ETS12SPbF SAFE
IR Series
Bulletin I2206 03/05
www.irf.com
I
F(AV) Max. Average Forward Current
10
A
@ T
C = 105° C, 180° conduction half sine wave
I
FSM
Max. Peak One Cycle Non-Repetitive
170
10ms Sine pulse, rated VRRMapplied
Surge Current
200
10ms Sine pulse, no voltage reapplied
I2t
Max. I2t for fusing
130
10ms Sine pulse, rated VRRMapplied
145
10ms Sine pulse, no voltage reapplied
I2√t
Max. I2√t for fusing
1450
A2√s
t = 0.1 to 10ms, no voltage reapplied
Part Number
V
RRM , maximum
V
RSM , maximum non repetitive
I
RRM
peak reverse voltage
peak reverse voltage
150°C
VV
mA
10ETS12SPbF
1200
1300
0.5
Voltage Ratings
T
J
Max. Junction Temperature Range
- 40 to 150
°C
T
stg
Max. Storage Temperature Range
- 40 to 150
°C
R
thJC Max. Thermal Resistance Junction
2.5
°C/W
DC operation
to Case
R
thJA Max. Thermal Resistance Junction
62
°C/W
to Ambient (PCB Mount)*
T
s
Soldering Temperature
240
°C
wt
Approximate Weight
2 (0.07)
g (oz.)
Case Style
D2Pak (SMD-220)
Device Marking
10ETS12S
Thermal-Mechanical Specifications
Parameters
Values
Units
Conditions
Absolute Maximum Ratings
Electrical Specifications
Parameters
Values
Units
Conditions
A
A2s
V
FM
Max. Forward Voltage Drop
1.1
V
@ 10A, T
J = 25°C
r
t
Forward slope resistance
20
mΩ
VF(TO) Threshold voltage
0.82
V
I
RM
Max. Reverse Leakage Current
0.05
T
J =
25 °C
0.50
TJ = 150 °C
Parameters
Values
Units
Conditions
T
J =
150°C
V
R = rated VRRM
mA
* When mounted on 1" square (650mm2) PCB of FR-4 or G-10 material 4 oz (140µm) copper 40°C/W
For recommended footprint and soldering techniques refer to application note #AN-994



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com