Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10ETS12STRLPBF Datasheet(PDF) 1 Page - Interpoint Corporation Company

Part # 10ETS12STRLPBF
Description  INPUT RECTIFIER DIODE Lead-Free ("PbF" suffix)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

10ETS12STRLPBF Datasheet(HTML) 1 Page - Interpoint Corporation Company

  10ETS12STRLPBF Datasheet HTML 1Page - Interpoint Corporation Company 10ETS12STRLPBF Datasheet HTML 2Page - Interpoint Corporation Company 10ETS12STRLPBF Datasheet HTML 3Page - Interpoint Corporation Company 10ETS12STRLPBF Datasheet HTML 4Page - Interpoint Corporation Company 10ETS12STRLPBF Datasheet HTML 5Page - Interpoint Corporation Company 10ETS12STRLPBF Datasheet HTML 6Page - Interpoint Corporation Company 10ETS12STRLPBF Datasheet HTML 7Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Major Ratings and Characteristics
Characteristics
Values
Units
I
F(AV) Sinusoidal waveform
10
A
V
RRM
1200
V
I
FSM
200
A
V
F
@10 A, T
J = 25°C
1.1
V
T
J
- 40 to 150
°C
Capacitive input filter TA= 55°C, TJ = 125°C
12.0
16.0
A
common heatsink of 1°C/ W
Output Current in Typical Applications
Applications
Single-phase Bridge
Three-phase Bridge
Units
INPUT RECTIFIER DIODE
Lead-Free ("PbF" suffix)
SAFE
IR Series
10ETS12SPbF
Bulletin I2206 12/04
1
www.irf.com
D2 Pak (SMD-220)
Package Outline
Description/ Features
The 10ETS12SPbF rectifier SAFE
IR series has
been optimized for very low forward voltage drop,
with moderate leakage. The glass passivation
technology used has reliable operation up to 150°C
junction temperature.
Typical applications are in input rectification and
these products are designed to be used with
International Rectifier Switches and Output
Rectifiers which are available in identical package
outlines.
V
F < 1V @ 10A
I
FSM = 200A
V
RRM = 1200V


Similar Part No. - 10ETS12STRLPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
10ETS12STRLPBF VISHAY-10ETS12STRLPBF Datasheet
168Kb / 7P
Input Rectifier Diode, 10 A
08-Apr-10
More results

Similar Description - 10ETS12STRLPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
8EWS08SPBF IRF-8EWS08SPBF Datasheet
213Kb / 7P
SURFACE MOUNTABLE INPUT RECTIFIER DIODE Lead-Free ("PbF" suffix)
20ETF12SPBF IRF-20ETF12SPBF Datasheet
233Kb / 8P
FAST SOFT RECOVERY RECTIFIER DIODE Lead-Free (PbF suffix)
40EPS16PBF IRF-40EPS16PBF Datasheet
141Kb / 5P
INPUT RECTIFIER DIODE Lead-Free
20ETS12PBF IRF-20ETS12PBF Datasheet
160Kb / 6P
INPUT RECTIFIER DIODE Lead-Free (PbF suffix)
10ETS12PBF IRF-10ETS12PBF Datasheet
165Kb / 6P
INPUT RECTIFIER DIODE Lead-Free ("PbF" suffix)
12TTS08PBF IRF-12TTS08PBF Datasheet
171Kb / 7P
SAFEIR Series PHASE CONTROL SCR Lead-Free (PbF suffix)
80EPS16PBF IRF-80EPS16PBF Datasheet
163Kb / 6P
INPUT RECTIFIER DIODE Lead-Free ("PbF" suffix)
60EPSPBF IRF-60EPSPBF Datasheet
103Kb / 6P
INPUT RECTIFIER DIODE Lead-Free
10ETS12FPPBF IRF-10ETS12FPPBF Datasheet
158Kb / 6P
INPUT RECTIFIER DIODE TO-220 FULLPAK Lead-Free ("PbF" suffix)
VS-40EPS08PBF IRF-VS-40EPS08PBF Datasheet
98Kb / 5P
INPUT RECTIFIER DIODE Lead-Free
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com