Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P0584NL. Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # P0584NL.
Description  High Isolation Gate Drive Transformers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

P0584NL. Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  P0584NL. Datasheet HTML 1Page - Pulse A Technitrol Company P0584NL. Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
power.pulseelectronics.com
P515. D (05/18)
http://www.power.pulseelectronics.com/contact
High Isolation Gate Drive Transformers
Rugged design for Industrial Applications
UL recognized, TUV approved to IEC 60950
Up to 4250Vrms gate to drive isolation
IEC 61558, IEC 61010 & IEC 60601 reinforced
insulation compliant designs
Electrical Specifications @ 25°C - Operating Temperature -40°C to +125°C
Part3,4
Number
Turns
Ratio
ET
(V *
µsec MAX)
Primary
Inductance
(1-10)
(
µH MIN)
Leakage
Inductance
Gate to Drive
(
µH MAX)
DCR Drive
(1-10)
(m
Ω ±20%)
DCR Gates
(m
Ω ±20%)
Hi-Pot
Drive-Gate
(Vrms)
Gate-Gate
(Vrms)
P0584NL
1:1:1
92
450
0.5
80
72
3000
1500
P0585NL
1:1:1:1:1
92
450
1.3
330
180
3000
1500*
P0584ANL
1:1:1
114
686
0.8
710
710
4250
1500
P0585ANL
1:1:1:1:1
114
686
2.2
710
710
4250
1500*
1.
The max ET is calculated to limit the core loss and temperature rise at 100KHz based
on a bipolar flux swing of 180mT Peak. The applied ET may need to be derated for
higher frequencies based on the temperature rise which results from the core and
copper losses.
2.
The temperature rise of the component is calculated based on the total core loss and
copper loss:
A. To calculate total copper loss (W), use the following formula:
Copper Loss (W) = Irms2 * (DCR_Drive + (# of Gates) * DCR_Gates)
B. To calculate total core loss (W), use the following formula:
Core Loss (W) = 6.5E-10*(Frequency in kHz)1.67*(180 * [ET/ET Max])2.53
Where ET is the applied Volt Second, ET Max is the rated Volt Second for 180mT flux
swing
C. To calculate temperature rise, use the following formula:
Temperature Rise (C) = 63 * (Core Loss(W) + Copper Loss (W))
3.
500Vrms Hi-Pot between pins 5 & 6.
4.
NL versions, which use triple insulated Teflon wire on the drive winding and magnetic
wire on the gate windings , are TUV certified. 600Vrms isolation rating is provided
between drive and gate windings.
ANL versions, which use triple insulated wire on both the drive and gate windings,
are compliant with IEC 61558, IEC 61010 & IEC 60601. 1000Vrms isolation rating is
provided between all winding except those terminate to pins 5 & 6.
Notes:


Similar Part No. - P0584NL.

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P0584NL PULSE-P0584NL Datasheet
88Kb / 1P
OFFLINE GATE DRIVE OFFLINE GATE DRIVE
P0584NL PULSE-P0584NL Datasheet
1Mb / 2P
SMT AND THT GATE DRIVE TRANSFORMERS
More results

Similar Description - P0584NL.

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PMGD-02 PMI-PMGD-02 Datasheet
117Kb / 3P
GATE DRIVE & BASE DRIVE TRANSFORMERS
logo
TRIAD MAGNETICS
GDE25-1 TRIAD-GDE25-1_13 Datasheet
89Kb / 1P
Switchmode/High Frequency Gate Drive Transformers
GDE25-3 TRIAD-GDE25-3_13 Datasheet
89Kb / 1P
Switchmode/High Frequency Gate Drive Transformers
GDE25-4 TRIAD-GDE25-4_13 Datasheet
89Kb / 1P
Switchmode/High Frequency Gate Drive Transformers
GDE25-5 TRIAD-GDE25-5_13 Datasheet
89Kb / 1P
Switchmode/High Frequency Gate Drive Transformers
GDE25-6 TRIAD-GDE25-6_13 Datasheet
89Kb / 1P
Switchmode/High Frequency Gate Drive Transformers
logo
Bi technologies
HM42 BITECH-HM42_15 Datasheet
312Kb / 2P
Gate Drive Transformers
logo
Pulse A Technitrol Comp...
PH9400.111NL PULSE-PH9400.111NL Datasheet
300Kb / 2P
High Isolation Gate Drive Transformers
logo
TT Electronics.
HM42 TTELEC-HM42 Datasheet
770Kb / 2P
Gate Drive Transformers
logo
Pulse A Technitrol Comp...
PH9572.XXXNL PULSE-PH9572.XXXNL Datasheet
443Kb / 2P
High Isolation Gate Drive Transformers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com