Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P0584NL. Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # P0584NL.
Description  High Isolation Gate Drive Transformers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

P0584NL. Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  P0584NL. Datasheet HTML 1Page - Pulse A Technitrol Company P0584NL. Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
power.pulseelectronics.com
P515. D (05/18)
http://www.power.pulseelectronics.com/contact
High Isolation Gate Drive Transformers
Pulse Worldwide
Headquarters
15255 Innovation Drive Ste 100
San Diego, CA 92128
U.S.A.
Tel: 858 674 8100
Fax: 858 674 8262
Pulse Europe
Pulse Electronics GmbH
Am Rottland 12
58540 Meinerzhagen
Germany
Tel: 49 2354 777 100
Fax: 49 2354 777 168
Pulse China Headquarters
Pulse Electronics (ShenZhen) CO., LTD
D708, Shenzhen Academy of
Aerospace Technology,
The 10th Keji South Road,
Nanshan District, Shenzhen,
P.R. China 518057
Tel: 86 755 33966678
Fax: 86 755 33966700
Pulse North China
Room 2704/2705
Super Ocean Finance Ctr.
2067 Yan An Road West
Shanghai 200336
China
Tel: 86 21 62787060
Fax: 86 2162786973
Pulse South Asia
3 Fraser Street
0428 DUO Tower
Singapore 189352
Tel: 65 6287 8998
Fax: 65 6280 0080
Pulse North Asia
1F., No.111 Xiyuan Rd
Zhongli City
Taoyuan City 32057
Taiwan (R.O.C)
Tel: 886 3 4356768
Fax: 886 3 4356820
For More Information
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product names mentioned herein may
be trademarks or registered trademarks of their respective owners. © Copyright, 2018. Pulse Electronics, Inc. All rights reserved.
PO58xxNL
Mechanicals
Schematics
P058xxNL
Date Code Country of Origin
.130
3,30
.750 MAX
19,05
.810 MAX
20,57
.480 MAX
12,19
10
4
1
7
P0584NL/P0584ANL
DRIVE
GATE
GATE
9
1
4
10
8
5
GATE
GATE
7
6
2
GATE
GATE
3
DRIVE
P0585NL/P0585ANL
Weight .............................5 grams
Tray .....................................80/tray
Dimension:
Inches
mm
.010
0,25
Unless otherwise specified, all tolerances are
±
P0584NL/P0584ANL (6 pins)
SUGGESTED PCB HOLE PATTERN
.200
5,08
.700
17,78
.350
8,89
(6X) .040
14
10
7
P0585NL/P0585ANL (10 pins)
.200
5,08
.100
2,54
.700
17,78
.400
10,16
.350
8,89
(10X) .040
.100
2,54
14
10
7



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com