Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC1G373 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74LVC1G373
Description  SN74LVC1G373 Single D-Type Latch With 3-State Output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC1G373 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LVC1G373 Datasheet HTML 3Page - Texas Instruments SN74LVC1G373 Datasheet HTML 4Page - Texas Instruments SN74LVC1G373 Datasheet HTML 5Page - Texas Instruments SN74LVC1G373 Datasheet HTML 6Page - Texas Instruments SN74LVC1G373 Datasheet HTML 7Page - Texas Instruments SN74LVC1G373 Datasheet HTML 8Page - Texas Instruments SN74LVC1G373 Datasheet HTML 9Page - Texas Instruments SN74LVC1G373 Datasheet HTML 10Page - Texas Instruments SN74LVC1G373 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
7
SN74LVC1G373
www.ti.com
SCES528F – DECEMBER 2003 – REVISED MAY 2017
Product Folder Links: SN74LVC1G373
Submit Documentation Feedback
Copyright © 2003–2017, Texas Instruments Incorporated
6.8 Switching Characteristics: TA = –40°C to +85°C
over recommended operating free-air temperature range, CL = 15 pF (unless otherwise noted) (see Figure 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
MAX
UNIT
tpd
D
Q
VCC = 1.8 V ± 0.15 V
2
15
ns
VCC = 2.5 V ± 0.2 V
15
5
VCC = 3.3 V ± 0.3 V
1
4
VCC = 5 V ± 0.5 V
1
3.5
LE
VCC = 1.8 V ± 0.15 V
2
15
VCC = 2.5 V ± 0.2 V
1.5
5
VCC = 3.3 V ± 0.3 V
1
4
VCC = 5 V ± 0.5 V
1
3.5
ten
OE
Q
VCC = 1.8 V ± 0.15 V
2
12.5
VCC = 2.5 V ± 0.2 V
1.5
4.5
VCC = 3.3 V ± 0.3 V
1
4
VCC = 5 V ± 0.5 V
1
2.5
tdis
OE
Q
VCC = 1.8 V ± 0.15 V
2
14
VCC = 2.5 V ± 0.2 V
1.5
7
VCC = 3.3 V ± 0.3 V
1
7.9
VCC = 5 V ± 0.5 V
1
5.3
6.9 Switching Characteristics: TA = –40°C to +85°C
over recommended operating free-air temperature range, CL = 30 pF or 50 pF (unless otherwise noted) (see Figure 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
MAX
UNIT
tpd
D
Q
VCC = 1.8 V ± 0.15 V
2
16
ns
VCC = 2.5 V ± 0.2 V
1.5
7.3
VCC = 3.3 V ± 0.3 V
1
5.4
VCC = 5 V ± 0.5 V
1
4
LE
VCC = 1.8 V ± 0.15 V
2
16.3
VCC = 2.5 V ± 0.2 V
1.5
7.4
VCC = 3.3 V ± 0.3 V
1
5.5
VCC = 5 V ± 0.5 V
1
4
ten
OE
Q
VCC = 1.8 V ± 0.15 V
2
13
VCC = 2.5 V ± 0.2 V
1.5
6.3
VCC = 3.3 V ± 0.3 V
1
5.1
VCC = 5 V ± 0.5 V
1
3.7
tdis
OE
Q
VCC = 1.8 V ± 0.15 V
2
17.4
VCC = 2.5 V ± 0.2 V
1
5.9
VCC = 3.3 V ± 0.3 V
1
6.5
VCC = 5 V ± 0.5 V
1
4.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com