Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC1G373 Datasheet (PDF) - Texas Instruments

SN74LVC1G373 Datasheet PDF - Texas Instruments
Part # SN74LVC1G373
Download  SN74LVC1G373 Download
File Size   813.19 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1G373 Single D-Type Latch With 3-State Output

SN74LVC1G373 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC1G373 Datasheet PDF - Texas Instruments

Part # SN74LVC1G373
Download  SN74LVC1G373 Click to download

File Size   813.19 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1G373 Single D-Type Latch With 3-State Output

SN74LVC1G373 Datasheet (HTML) - Texas Instruments


SN74LVC1G373 Product details

1 Features
1• Available in the Texas Instruments
NanoFree™ Package
• Supports 5-V VCC Operation
• Inputs Accept Voltages to 5.5 V
• Provides Down Translation to VCC
• Max tpd of 4 ns at 3.3 V
• Low Power Consumption: 10-μA
Maximum ICC
• ±24-mA Output Drive at 3.3 V
• Ioff Supports Partial-Power-Down Mode and Back
Drive Protection
• Latch-Up Performance Exceeds 100 mA
Per JESD 78, Class II

2 Applications
• Servers
• Printers
• Telecom and Grid Infrastructure
• Memory Addressing
• Buffer Registers
• Electronic Point of Sale

3 Description
The SN74LVC1G373 device is a single D-type latch
designed for 1.65-V to 5.5-V VCC operation.
This device is particularly suitable for implementing
buffer registers, I/O ports, bidirectional bus drivers,
and working registers. While the latch-enable (LE)
input is high, the Q outputs follow the data (D) inputs.
When LE is taken low, the Q outputs are latched at
the logic levels set up at the D inputs.
NanoFree™ package technology is a major
breakthrough in IC packaging concepts, using the die
as the package.
OE does not affect the internal operations of the
latch. Old data can be retained or new data can be
entered while the outputs are in the high-impedance
state.




Similar Part No. - SN74LVC1G373

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G373 TI-SN74LVC1G373 Datasheet
238Kb / 13P
SINGLE D-TYPE LATCH
SN74LVC1G373 TI1-SN74LVC1G373 Datasheet
1,013Kb / 20P
Single D-Type Latch With 3-State Output
SN74LVC1G373 TI2-SN74LVC1G373 Datasheet
812Kb / 31P
SN74LVC1G373 Single D-Type Latch With 3-State Output
REVISED MAY 2017
SN74LVC1G373B-Q1 TI2-SN74LVC1G373B-Q1 Datasheet
932Kb / 21P
SN74LVC1G373B-Q1 Automotive Single D-Type Latch With 3-State Output
AUGUST 2026
SN74LVC1G373B-Q1 TI2-SN74LVC1G373B-Q1 Datasheet
942Kb / 22P
SN74LVC1G373B-Q1 Automotive Single D-Type Latch With 3-State Output
AUGUST 2026
More results


Similar Description - SN74LVC1G373

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCT573A ONSEMI-MC74VHCT573A Datasheet
171Kb / 7P
Octal D-Type Latch with 3-State Output
REV 0
logo
Toshiba Semiconductor
TC74VHC573F TOSHIBA-TC74VHC573F Datasheet
259Kb / 7P
OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC7MET573AFK TOSHIBA-TC7MET573AFK Datasheet
223Kb / 5P
OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC7MET373AFK TOSHIBA-TC7MET373AFK Datasheet
188Kb / 7P
Octal D-Type Latch with 3-State Output
TC7MET573AFK TOSHIBA-TC7MET573AFK_07 Datasheet
187Kb / 7P
Octal D-Type Latch with 3-State Output
TC74LVX373F TOSHIBA-TC74LVX373F_07 Datasheet
211Kb / 9P
Octal D-Type Latch with 3-State Output
TC74VHC573F TOSHIBA-TC74VHC573F_07 Datasheet
232Kb / 10P
Octal D-Type Latch with 3-State Output
TC74VHCT373AF TOSHIBA-TC74VHCT373AF_07 Datasheet
228Kb / 9P
Octal D-Type Latch with 3-State Output
logo
Texas Instruments
SN74LVC1G373 TI1-SN74LVC1G373_15 Datasheet
1,013Kb / 20P
Single D-Type Latch With 3-State Output
logo
ON Semiconductor
MC74VHC573 ONSEMI-MC74VHC573_11 Datasheet
149Kb / 9P
Octal D-Type Latch with 3-State Output
May, 2011 ??Rev. 6
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com