Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A2K-R Datasheet(PDF) 1 Page - Mersen

Part # A2K-R
Description  THESE FAST-ACTING FUSES DELIVER A HIGH DEGREE OF CURRENT LIMITATION WHERE YOU NEED IT MOST
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERSEN [Mersen]
Direct Link  https://www.mersen.com/en
Logo MERSEN - Mersen

A2K-R Datasheet(HTML) 1 Page - Mersen

  A2K-R Datasheet HTML 1Page - Mersen A2K-R Datasheet HTML 2Page - Mersen  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EP.MERSEN.COM
PF 10
P
F
© 2018 Mersen. All rights reserved. Mersen reserves the right to change, update,
or correct, without notice, any information contained in this datasheet.
Current-limiting A2K and A6K fuses provide excellent protection
where high available short circuit currents exist. These fast-acting
fuses are particularly good for branch/feeder circuits and back-up
protection.
FEATURES/BENEFIT S:
•
Rejection style design prevents replacement by other fuse classes
•
Fiberglass body provides dimensional stability in harsh industrial
environments
•
Easy-to-read imprint label for quick recognition and replacement
•
High degree of current limitation for low peak let-thru current
RATINGS:
A2K
•
Volts: 250VAC / DC
•
Amps: 1 to 600A
•
IR: 200kA I.R. AC, 20kA I.R. DC
A6K
•
Volts: 600VAC / 300VDC
•
Amps: 1 to 600A
•
IR: 200kA I.R. AC,
20kA I.R. DC
HIGHLIGHT S
•
Highly current-limiting
•
Fast-acting
•
Rejection style
APPLIC ATIONS:
•
Loadcenters
•
Panelboards
•
Switchboards
•
Bus duct
•
Feeder circuits
•
Non-inductive loads
•
Lighting circuits
APPRO VALS:
•
UL listed to standard 248-12
File E2137
•
CSA certified to standard
C22.2 No. 248.12
•
Self-certified for DC per UL248
A2K-R & A6K-R
Fast Acting/Class RK1
UL/CSA LISTED POWER FUSES
THESE FAST-ACTING FUSES DELIVER A HIGH DEGREE
OF CURRENT LIMITATION WHERE YOU NEED IT MOST


Similar Part No. - A2K-R

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A2K CIT-A2K Datasheet
438Kb / 4P
RELAY AUTOMOTIVE SPST 120A 12V
Rev B 10/2022
A2K1ACP12VDC1.6D CIT-A2K1ACP12VDC1.6D Datasheet
438Kb / 4P
RELAY AUTOMOTIVE SPST 120A 12V
Rev B 10/2022
A2K1ACP12VDC1.6R CIT-A2K1ACP12VDC1.6R Datasheet
438Kb / 4P
RELAY AUTOMOTIVE SPST 120A 12V
Rev B 10/2022
A2K1ACP24VDC1.6D CIT-A2K1ACP24VDC1.6D Datasheet
438Kb / 4P
RELAY AUTOMOTIVE SPST 120A 12V
Rev B 10/2022
A2K1ACP24VDC1.6R CIT-A2K1ACP24VDC1.6R Datasheet
438Kb / 4P
RELAY AUTOMOTIVE SPST 120A 12V
Rev B 10/2022
More results

Similar Description - A2K-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATM1 ETC2-ATM1 Datasheet
401Kb / 1P
Fast-Acting Midget Fuses
F1206HA10V024T ETC2-F1206HA10V024T Datasheet
95Kb / 4P
1206 High Current Rating Fast Acting Surface Mount Fuses
F1206HB10V024T ETC2-F1206HB10V024T Datasheet
73Kb / 3P
1206 High Current Rating Fast Acting Surface Mount Fuses
logo
Cooper Bussmann, Inc.
SFE-20 COOPER-SFE-20 Datasheet
19Kb / 1P
Automotive Glass Fuses Fast-Acting Fast-Acting
SS-5FH-3.15A COOPER-SS-5FH-3.15A Datasheet
1Mb / 4P
Subminiature fast-acting fuses
logo
List of Unclassifed Man...
KTU-601 ETC1-KTU-601 Datasheet
664Kb / 4P
fast-acting fuses
logo
Lumileds Lighting Compa...
PB146 LUMILEDS-PB146 Datasheet
1Mb / 2P
Color LEDs that deliver the perfect amount of color you need
DS146 LUMILEDS-DS146 Datasheet
1Mb / 18P
Color LEDs that deliver the perfect amount of color you need. No More. No less.
logo
Eaton All Rights Reserv...
1025HC EATON-1025HC Datasheet
514Kb / 9P
Fast-acting, high current, surface mount ceramic tube fuses
logo
Bourns Electronic Solut...
SF-2410F-T BOURNS-SF-2410F-T Datasheet
531Kb / 7P
Fast Acting SMD Fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com