Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A2K-R Datasheet(PDF) 2 Page - Mersen

Part # A2K-R
Description  THESE FAST-ACTING FUSES DELIVER A HIGH DEGREE OF CURRENT LIMITATION WHERE YOU NEED IT MOST
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERSEN [Mersen]
Direct Link  https://www.mersen.com/en
Logo MERSEN - Mersen

A2K-R Datasheet(HTML) 2 Page - Mersen

  A2K-R Datasheet HTML 1Page - Mersen A2K-R Datasheet HTML 2Page - Mersen  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EP.MERSEN.COM
PF 11
UL/CSA LISTED
POWER FUSES
P
F
C ATAL OG NUMBERS (AMPS)
DIMENSIONS
REC OMMENDED FUSE BL OCK S
WITH B O X C ONNECT ORS F OR
AMP-TRAP® CLA S S RK1 FUSES
0-60A
61-600A
250V
600V
A2K1R
A2K35R
A2K175R
A6K1R
A6K35R
A6K175R
A2K3R
A2K40R
A2K200R
A6K3R
A6K40R
A6K200R
-
A2K45R
A2K225R
A6K4R
A6K45R
A6K225R
A2K5R
A2K50R
A2K250R
A6K5R
A6K50R
A6K250R
A2K6R
A2K60R
A2K300R
A6K6R
A6K60R
A6K300R
-
A2K70R
A2K350R
A6K8R
A6K70R
A6K350R
A2K10R
A2K80R
A2K400R
A6K10R
A6K80R
A6K400R
A2K15R
A2K100R
A2K500R
A6K15R
A6K100R
A6K500R
A2K20R
A2K110R
A2K600R
A6K20R
A6K110R
A6K600R
A2K25R
A2K125R
A6K25R
A6K125R
A2K30R
A2K150R
A6K30R
A6K150R
Fuse Ampere
Rating
Catalog Number
250V
600V
1-Pole
3-Pole
1-Pole
3-Pole
0-30
20306R
20308R
60306R
60308R
31-60
20606R
20608R
60606R
60608R
61-100
21036R
21038R
61036R
61038R
101-200
22001R
22003R
62001R
62003R
201-400
24001R
24003R
64001R
64003R
401-600
2631R
2633R
6631R
6633R
A variety of pole configurations and termination provisions are
available. Refer to Section FB for details.
Ampere Rating
A
B
C
D
E
in
mm
in
mm
in
mm
in
mm
in
mm
250V-A2K Fuses
0-30
2
51
9/16
14
-
-
-
-
-
-
31-60
3
76
13/16
21
-
-
-
-
-
-
61-100
5-7/8
149
1-1/16
27
1/8
3
3/4
19
1
25
101-200
7-1/8
181
1-9/16
40
3/16
5
1-1/8
28
1-3/8
35
201-400
8-5/8
219
2-1/16
53
1/4
6
1-5/8
41
1-7/8
48
401-600
10-3/8
264
2-9/16
66
1/4
6
2
51
2-1/4
57
600V-A6K Fuses
0-30
5
127
13/16
21
-
-
-
-
-
-
31-60
5-1/2
139
1-1/16
27
-
-
-
-
-
-
61-100
7-7/8
200
1-5/16
34
1/8
3
3/4
19
1
25
101-200
9-5/8
244
1-13/16
46
3/16
5
1-1/8
28
1-3/8
35
201-400
11-5/8
295
2-9/16
66
1/4
6
1-5/8
41
1-7/8
48
401-600
13-3/8
340
3-1/8
80
1/4
6
2
51
2-1/4
57
CLA S S RK-1
A2K-R & A6K-R Fast Acting



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com