Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A3T175 Datasheet(PDF) 1 Page - Mersen

Part # A3T175
Description  THESE SMALL DIMENSION FUSES ARE THE RIGHT FIT... FOR A TIGHT FIT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERSEN [Mersen]
Direct Link  https://www.mersen.com/en
Logo MERSEN - Mersen

A3T175 Datasheet(HTML) 1 Page - Mersen

  A3T175 Datasheet HTML 1Page - Mersen A3T175 Datasheet HTML 2Page - Mersen  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EP.MERSEN.COM
PF 32
P
F
© 2018 Mersen. All rights reserved. Mersen reserves the right to change, update,
or correct, without notice, any information contained in this datasheet.
Fast-acting A3T and A6T Class T fuses combine two highly desirable
features - high current limitation and a small physical size. Their
unique dimensions prevent the substitution of other fuses with lower
voltage ratings or current-limiting capability.
These fuses have glass melamine bodies for superior dimensional
stability and catalog numbers stamped into the blades for permanent
identification.
FEATURES/BENEFIT S:
•
Extremely current-limiting for low peak let-thru current
•
Unique dimensions prevent replacement by other fuse classes
•
Blade-stamped catalog numbers for permanent identification
•
Small physical size for greater design flexibility
RATINGS:
A3T
•
Volts: 300VAC / 160VDC
•
Amps: 1 to 1200A
•
IR: 200kA I.R. AC,
50kA I.R. DC
A6T
•
Volts: 600VAC / 300VDC
•
Amps: 1 to 800A
•
IR: 200kA I.R. AC,
100kA I.R. DC
HIGHLIGHT S:
•
Fast-acting
•
Extremely current-limiting
•
Small physical size
•
DC ratings
APPLIC ATIONS:
•
Loadcenters
•
Panelboards
•
Switchboards
•
Circuit breakers
•
Metering centers
APPRO VALS:
•
UL listed to standard 248-15
File E2137
•
CSA certified to standard
C22.2 no. 248.15
•
DC listed to UL standard 248
A3T & A6T
Fast Acting/Class T
UL/CSA LISTED POWER FUSES
THESE SMALL DIMENSION FUSES ARE
THE RIGHT FIT... FOR A TIGHT FIT


Similar Part No. - A3T175

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
A3T18H360W23S NXP-A3T18H360W23S Datasheet
779Kb / 16P
N-Channel Enhancement-Mode Lateral MOSFET
Rev. 1, 06/2017
A3T18H360W23SR6 NXP-A3T18H360W23SR6 Datasheet
779Kb / 16P
N-Channel Enhancement-Mode Lateral MOSFET
Rev. 1, 06/2017
A3T18H400W23S NXP-A3T18H400W23S Datasheet
831Kb / 16P
RF Power LDMOS Transistor
A3T18H400W23SR6 NXP-A3T18H400W23SR6 Datasheet
831Kb / 16P
RF Power LDMOS Transistor
A3T18H408W24S NXP-A3T18H408W24S Datasheet
319Kb / 8P
RF Power LDMOS Transistor
More results

Similar Description - A3T175

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
C515 COOPER-C515 Datasheet
448Kb / 14P
PCB & Small Dimension Fuses
logo
Roithner LaserTechnik G...
385D30 ROITHNER-385D30 Datasheet
155Kb / 1P
these products are sensitive
logo
CITIZEN ELECTRONICS CO....
CLL600-0101A1-40AM1A2 CITIZEN-CLL600-0101A1-40AM1A2 Datasheet
315Kb / 13P
These specifications are applied to the chip type LED lamp
CLL600-0101A1-35AM1A2 CITIZEN-CLL600-0101A1-35AM1A2 Datasheet
383Kb / 13P
These specifications are applied to the chip type LED lamp
CLL130-0102A5-35AM1B1 CITIZEN-CLL130-0102A5-35AM1B1 Datasheet
1Mb / 14P
These specifications are applied to the chip type LED lamp
CLL130-0102A5-30AM1B1 CITIZEN-CLL130-0102A5-30AM1B1 Datasheet
1Mb / 14P
These specifications are applied to the chip type LED lamp
logo
Bel Fuse Inc.
ABC450-1T05G BEL-ABC450-1T05G Datasheet
1Mb / 9P
These power supplies are ideal for telecom
logo
STMicroelectronics
Z0410XE STMICROELECTRONICS-Z0410XE Datasheet
75Kb / 6P
These parts are intended for general purpose
Jan-1995
logo
Sharp Corporation
LQ156M3LW01 SHARP-LQ156M3LW01 Datasheet
1Mb / 30P
These parts are complied with the RoHS directive
logo
Murata Manufacturing Co...
DLP11RN450UL2 MURATA1-DLP11RN450UL2_V01 Datasheet
309Kb / 3P
Small size and tight dimension.
Last updated08/01/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com